Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 101 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 101 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 97Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 98Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 99Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 100Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 101Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 102Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 103Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 104Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 105Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 124 page
background image
MC68HC05C9A Advance Information Data Sheet, Rev. 5.1
Freescale Semiconductor
101
Chapter 13
Mechanical Specifications
13.1 Introduction
This section describes the dimensions of the plastic dual in-line package (DIP), plastic shrink dual in-line
package (SDIP), plastic-leaded chip carrier (PLCC), and quad flat pack (QFP) MCU packages.
Package dimensions available at the time of this publication are provided in this section.
To make sure that you have the latest case outline specifications, contact one of the following:
•
Local Freescale Sales Office
•
World Wide Web at http://www.freescale.com
Follow World Wide Web on-line instructions to retrieve the current mechanical specifications.
13.2 40-Pin Plastic Dual In-Line (DIP) Package (Case 711-03)
Figure 13-1. 40-Pin Plastic DIP Package (Case 711-03)
120
40
21
B
A
C
SEATING
PLANE
D
F
G
H
K
N
M
J
L
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
51.69
52.45
2.035
2.065
B
13.72
14.22
0.540
0.560
C
3.94
5.08
0.155
0.200
D
0.36
0.56
0.014
0.022
F
1.02
1.52
0.040
0.060
G
2.54 BSC
0.100 BSC
H
1.65
2.16
0.065
0.085
J
0.20
0.38
0.008
0.015
K
2.92
3.43
0.115
0.135
L
15.24 BSC
0.600 BSC
M
1
°
N
0.51
1.02
0.020
0.040
NOTES:
1. POSITION TOLERANCE OF LEADS (D), SHALL
BEWITHIN 0.25 (0.010) AT MAXIMUM MATERIAL
CONDITIONS, IN RELATION TO SEATING PLANE
AND EACH OTHER.
2. DIMENSION L TO CENTER OF LEADS WHEN
FORMED PARALLEL.
3. DIMENSION B DOES NOT INCLUDE MOLD FLASH.
1
°
0
°
0
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com