Electronic Components Datasheet Search
  English  ▼

X  

AD5441 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5441
Description  12-Bit Serial Input Multiplying DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5441 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5441 Datasheet HTML 4Page - Analog Devices AD5441 Datasheet HTML 5Page - Analog Devices AD5441 Datasheet HTML 6Page - Analog Devices AD5441 Datasheet HTML 7Page - Analog Devices AD5441 Datasheet HTML 8Page - Analog Devices AD5441 Datasheet HTML 9Page - Analog Devices AD5441 Datasheet HTML 10Page - Analog Devices AD5441 Datasheet HTML 11Page - Analog Devices AD5441 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD5441
Preliminary Technical Data
Rev. PrA | Page 8 of 16
CODE (Decimal)
–0.5
1024
2048
3072
4096
–0.4
0
–0.3
–0.2
–0.1
0
0.2
0.4
0.5
VDD = 5V
VREF = 10V
SUPERIMPOSED: TA = –40°C, +25°C, +85°C
512
1536
2560
3584
0.1
0.3
Figure 12. Linearity Error vs. Digital Code
OP AMP OFFSET VOS (µV)
–1000
0
1000
2000
–2000
2
0
4
–4
–2
VDD = 5V
VREF = 10V
TA = 25°C
Figure 13. Linearity Error vs. External Op Amp Offset VOS
20mV
VDD = 5V
VREF = 10V
fCLK = 2.5MHz
CODE: 0x7FF TO 0x800
VOUT
(10mV/DIV)
TIME (200ns/DIV)
LD
(5V/DIV)
Figure 14. Midscale Transition Performance
VDD = 5V
VREF = 10V
TA = 25°C
CLK
(5V/DIV)
TIME (1µs/DIV)
VOUT
(5V/DIV)
5V
5V
Figure 15. Large Signal Settling Time
FREQUENCY (Hz)
0
12
24
36
48
60
72
84
96
10M
1M
100k
10k
1k
ALL BITS ON
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
(MSB) B11
(LSB) B0
108
100
ALL BITS OFF
Figure 16. Reference Multiplying Bandwidth vs. Frequency and Code
|VREF| (V)
0
0
10
–0.50
–0.25
0.50
0.25
VDD = 5V
TA = 25°C
5
Figure 17. Linearity Error vs. Reference Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com