Electronic Components Datasheet Search
  English  ▼

X  

AD5441 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5441
Description  12-Bit Serial Input Multiplying DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5441 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5441 Datasheet HTML 6Page - Analog Devices AD5441 Datasheet HTML 7Page - Analog Devices AD5441 Datasheet HTML 8Page - Analog Devices AD5441 Datasheet HTML 9Page - Analog Devices AD5441 Datasheet HTML 10Page - Analog Devices AD5441 Datasheet HTML 11Page - Analog Devices AD5441 Datasheet HTML 12Page - Analog Devices AD5441 Datasheet HTML 13Page - Analog Devices AD5441 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD5441
Preliminary Technical Data
Rev. PrA | Page 10 of 16
TERMINOLOGY
Relative Accuracy
Relative accuracy or endpoint nonlinearity is a measure of the
maximum deviation from a straight line passing through the
endpoints of the DAC transfer function. It is measured after
adjusting for zero and full scale and is normally expressed in
LSBs or as a percentage of the full-scale reading.
Differential Nonlinearity
Differential nonlinearity is the difference between the measured
change and the ideal 1 LSB change between any two adjacent
codes. A specified differential nonlinearity of −1 LSB maximum
over the operating temperature range ensures monotonicity.
Gain Error
Gain error or full-scale error is a measure of the output error
between an ideal DAC and the actual device output. For these
DACs, ideal maximum output is VREF − 1 LSB. Gain error of the
DACs is adjustable to zero with external resistance.
Zero Scale Error
Calculated from worst-case RREF:
IZSE(LSB) = (RREF × ILKG × 4096)/VREF.
Output Leakage Current
Output leakage current is the current that flows into the DAC
ladder switches when they are turned off. For the IOUT terminal,
it can be measured by loading all 0s to the DAC and measuring
the IOUT current.
Output Capacitance
Capacitance from IOUT1 to AGND.
Digital-to-Analog Glitch Impulse
The amount of charge injected from the digital inputs to the
analog output when the inputs change state. This is normally
specified as the area of the glitch in either pA-s or nV-s,
depending on whether the glitch is measured as a current or
voltage signal.
Digital Feedthrough
When the device is not selected, high frequency logic activity
on the device’s digital inputs may be capacitively coupled
through the device and produce noise on the IOUT pins. This
noise is coupled from the outputs of the device onto follow-on
circuitry. This noise is digital feedthrough.
Multiplying Feedthrough Error
This is the error due to capacitive feedthrough from the DAC
reference input to the DAC IOUT1 terminal when all 0s are
loaded to the DAC.
Total Harmonic Distortion (THD)
The DAC is driven by an ac reference. The ratio of the rms sum
of the harmonics of the DAC output to the fundamental value is
the THD. Usually only the lower order harmonics, such as
second to fifth, are included.
1
2
5
2
4
2
3
2
2
V
V
V
V
V
log
20
+
+
+
=
THD
Compliance Voltage Range
The maximum range of (output) terminal voltage for which the
device will provide the specified characteristics.
Output Noise Spectral Density
Calculation from
en = √4KTRB
where:
K = Boltzmann Constant (J/°K)
R = Resistance (Ω)
T = Resistor temperature (°K)
B = 1 Hz bandwidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com