Electronic Components Datasheet Search
  English  ▼

X  

AD7840 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7840
Description  LC2MOS Complete 14-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7840 Datasheet(HTML) 4 Page - Analog Devices

  AD7840 Datasheet HTML 1Page - Analog Devices AD7840 Datasheet HTML 2Page - Analog Devices AD7840 Datasheet HTML 3Page - Analog Devices AD7840 Datasheet HTML 4Page - Analog Devices AD7840 Datasheet HTML 5Page - Analog Devices AD7840 Datasheet HTML 6Page - Analog Devices AD7840 Datasheet HTML 7Page - Analog Devices AD7840 Datasheet HTML 8Page - Analog Devices AD7840 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD7840
REV. B
–4–
PIN FUNCTION DESCRIPTION
DIP
Pin
Pin
No.
Mnemonic
Function
1
CS
/SERIAL
Chip Select/Serial Input. When driven with normal logic levels, it is an active low logic input which is used
in conjunction with WR to load parallel data to the input latch. For applications where CS is perma-
nently low, an R, C is required for correct power-up (see LDAC input). If this input is tied to VSS, it de-
fines the AD7840 for serial mode operation.
2
WR/SYNC
Write/Frame Synchronization Input. In the parallel data mode, it is used in conjunction with CS to load
parallel data. In the serial mode of operation, this pin functions as a Frame Synchronization pulse with se-
rial data expected after the falling edge of this signal.
3
D13/SDATA
Data Bit 13(MSB)/Serial Data. When parallel data is selected, this pin is the D13 input. In serial mode,
SDATA is the serial data input which is used in conjunction with SYNC and SCLK to transfer serial data
to the AD7840 input latch.
4
D12/SCLK
Data Bit 12/Serial Clock. When parallel data is selected, this pin is the D12 input. In the serial mode, it is
the serial clock input. Serial data bits are latched on the falling edge of SCLK when SYNC is low.
5
D11/FORMAT
Data Bit 11/Data Format. When parallel data is selected, this pin is the D11 input. In serial mode, a Logic
1 on this input indicates that the MSB is the first valid bit in the serial data stream. A Logic 0 indicates
that the LSB is the first valid bit (see Table I).
6
D10/JUSTIFY
Data Bit 10/Data Justification. When parallel data is selected, this pin is the D10 input. In serial mode,
this input controls the serial data justification (see Table I).
7–11
D9–D5
Data Bit 9 to Data Bit 5. Parallel data inputs.
12
DGND
Digital Ground. Ground reference for digital circuitry.
13–16
D4–D1
Data Bit 4 to Data Bit 1. Parallel data inputs.
17
D0
Data Bit 0 (LSB). Parallel data input.
18
VDD
Positive Supply, +5 V
± 5%.
19
AGND
Analog Ground. Ground reference for DAC, reference and output buffer amplifier.
20
VOUT
Analog Output Voltage. This is the buffer amplifier output voltage. Bipolar output range (
±3 V with REF
IN = +3 V).
21
VSS
Negative Supply Voltage, –5 V
± 5%.
22
REF OUT
Voltage Reference Output. The internal 3 V analog reference is provided at this pin. To operate the
AD7840 with internal reference, REF OUT should be connected to REF IN. The external load capability
of the reference is 500
µA.
23
REF IN
Voltage Reference Input. The reference voltage for the DAC is applied to this pin. It is internally buffered
before being applied to the DAC. The nominal reference voltage for correct operation of the AD7840 is
3 V.
24
LDAC
Load DAC. Logic Input. A new word is loaded into the DAC latch from the input latch on the falling
edge of this signal (see Interface Logic Information section). The AD7840 should be powered-up with
LDAC
high. For applications where LDAC is permanently low, an R, C is required for correct power-up
(see Figure 19).
Table I. Serial Data Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com