Electronic Components Datasheet Search
  English  ▼

X  

AD7840 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7840
Description  LC2MOS Complete 14-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7840 Datasheet(HTML) 1 Page - Analog Devices

  AD7840 Datasheet HTML 1Page - Analog Devices AD7840 Datasheet HTML 2Page - Analog Devices AD7840 Datasheet HTML 3Page - Analog Devices AD7840 Datasheet HTML 4Page - Analog Devices AD7840 Datasheet HTML 5Page - Analog Devices AD7840 Datasheet HTML 6Page - Analog Devices AD7840 Datasheet HTML 7Page - Analog Devices AD7840 Datasheet HTML 8Page - Analog Devices AD7840 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
LC2MOS
Complete 14-Bit DAC
AD7840
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FUNCTIONAL BLOCK DIAGRAM
FEATURES
Complete 14-Bit Voltage Output DAC
Parallel and Serial Interface Capability
80 dB Signal-to-Noise Ratio
Interfaces to High Speed DSP Processors
e.g., ADSP-2100, TMS32010, TMS32020
45 ns min WR Pulse Width
Low Power – 70 mW typ.
Operates from
5 V Supplies
GENERAL DESCRIPTION
The AD7840 is a fast, complete 14-bit voltage output D/A con-
verter. It consists of a 14-bit DAC, 3 V buried Zener reference,
DAC output amplifier and high speed control logic.
The part features double-buffered interface logic with a 14-bit
input latch and 14-bit DAC latch. Data is loaded to the input
latch in either of two modes, parallel or serial. This data is then
transferred to the DAC latch under control of an asynchronous
LDAC
signal. A fast data setup time of 21 ns allows direct
parallel interfacing to digital signal processors and high speed
16-bit microprocessors. In the serial mode, the maximum serial
data clock rate can be as high as 6 MHz.
The analog output from the AD7840 provides a bipolar output
range of
±3 V. The AD7840 is fully specified for dynamic per-
formance parameters such as signal-to-noise ratio and harmonic
distortion as well as for traditional dc specifications. Full power
output signals up to 20 kHz can be created.
The AD7840 is fabricated in linear compatible CMOS
(LC
2MOS), an advanced, mixed technology process that com-
bines precision bipolar circuits with low power CMOS logic.
The part is available in a 24-pin plastic and hermetic
dual-in-line package (DIP) and is also packaged in a 28-termi-
nal plastic leaded chip carrier (PLCC).
PRODUCT HIGHLIGHTS
1. Complete 14-Bit D/A Function
The AD7840 provides the complete function for creating ac
signals and dc voltages to 14-bit accuracy. The part features
an on-chip reference, an output buffer amplifier and 14-bit
D/A converter.
2. Dynamic Specifications for DSP Users
In addition to traditional dc specifications, the AD7840 is
specified for ac parameters including signal-to-noise ratio and
harmonic distortion. These parameters along with important
timing parameters are tested on every device.
3. Fast, Versatile Microprocessor Interface
The AD7840 is capable of 14-bit parallel and serial interfac-
ing. In the parallel mode, data setup times of 21 ns and write
pulse widths of 45 ns make the AD7840 compatible with
modern 16-bit microprocessors and digital signal processors.
In the serial mode, the part features a high data transfer rate
of 6 MHz.


Similar Part No. - AD7840

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7840 AD-AD7840_15 Datasheet
339Kb / 16P
LC MOS Complete 14-Bit DAC
REV. B
More results

Similar Description - AD7840

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7535 AD-AD7535 Datasheet
496Kb / 12P
LC2MOS uP-COMPATIBLE 14-BIT DAC
AD7834 AD-AD7834 Datasheet
404Kb / 16P
LC2MOS Quad 14-Bit DAC
REV.A
AD7836 AD-AD7836 Datasheet
174Kb / 12P
LC2MOS Quad 14-Bit DAC
REV.A
AD7871 AD-AD7871 Datasheet
344Kb / 16P
LC2MOS Complete 14-Bit, Sampling ADCs
REV.D
AD7845 AD-AD7845 Datasheet
195Kb / 12P
LC2MOS Complete 12-Bit Multiplying DAC
REV. B
AD7872KRZ-REEL AD-AD7872KRZ-REEL Datasheet
324Kb / 16P
LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7836ASZ AD-AD7836ASZ Datasheet
176Kb / 12P
LC2MOS Quad 14-Bit DAC
REV. A
AD7538JRZ AD-AD7538JRZ Datasheet
306Kb / 16P
LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7538JRZ AD-AD7538JRZ Datasheet
306Kb / 16P
LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7872JRZ AD-AD7872JRZ Datasheet
267Kb / 16P
LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com