Electronic Components Datasheet Search
  English  ▼

X  

AD7840 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7840
Description  LC2MOS Complete 14-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7840 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7840 Datasheet HTML 8Page - Analog Devices AD7840 Datasheet HTML 9Page - Analog Devices AD7840 Datasheet HTML 10Page - Analog Devices AD7840 Datasheet HTML 11Page - Analog Devices AD7840 Datasheet HTML 12Page - Analog Devices AD7840 Datasheet HTML 13Page - Analog Devices AD7840 Datasheet HTML 14Page - Analog Devices AD7840 Datasheet HTML 15Page - Analog Devices AD7840 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD7840
REV. B
–12–
AD7840–TMS32020 Serial Interface
Figure 22 shows a serial interface between the AD7840 and the
TMS32020 DSP processor. In this interface, the CLKX and
FSX pin of the TMS32020 are generated from the clock/timer
circuitry. The same clock/timer circuitry generates the LDAC
signal of the AD7840 to synchronize the update of the output
with the serial transmission. The FSX pin of the TMS32020
must be configured as an input.
Data from the TMS32020 is valid on the falling edge of CLKX.
Once again, the FORMAT pin of the AD7840 must be tied to
+5 V while the JUSTIFY pin must be tied to DGND.
Figure 22. AD7840–TMS32020 Serial Interface
AD7840–NEC7720 Serial Interface
A serial interface between the AD7840 and the NEC7720 is
shown in Figure 23. The serial clock must be inverted before
being applied to the AD7840 SCLK input because data from
the processor is valid on the rising edge of SCK.
The NEC7720 is programmed for the LSB to be the first bit in
the serial data stream. Therefore, the AD7840 is set up with the
FORMAT pin tied to DGND and the JUSTIFY pin tied to +5 V.
Figure 23. AD7840–NEC7720 Serial Interface
APPLYING THE AD7840
Good printed circuit board layout is as important as the overall
circuit design itself in achieving high speed converter perfor-
mance. The AD7840 works on an LSB size of 366
µV. There-
fore, the designer must be conscious of minimizing noise in both
the converter itself and in the surrounding circuitry. Switching
mode power supplies are not recommended as the switching
spikes can feed through to the on-chip amplifier. Other causes
of concern are ground loops and digital feedthrough from mi-
croprocessors. These are factors which influence any high per-
formance converter, and a proper PCB layout which minimizes
these effects is essential for best performance.
LAYOUT HINTS
Ensure that the layout for the printed circuit board has the digi-
tal and analog lines separated as much as possible. Take care
not to run any digital track alongside an analog signal track. Es-
tablish a single point analog ground (star ground) separate from
the logic system ground. Place this star ground as close as pos-
sible to the AD7840 as shown in Figure 24. Connect all analog
grounds to this star ground and also connect the AD7840
DGND pin to this ground. Do not connect any other digital
grounds to this analog ground point.
Figure 24. Power Supply Grounding Practice
Low impedance analog and digital power supply common re-
turns are essential to low noise operation of high performance
converters. Therefore, the foil width for these tracks should be
kept as wide as possible. The use of ground planes minimizes
impedance paths and also guards the analog circuitry from digi-
tal noise. The circuit layouts of Figures 27 and 28 have both
analog and digital ground planes which are kept separated and
only joined at the star ground close to the AD7840.
NOISE
Keep the signal leads on the VOUT signal and the signal return
leads to AGND as short as possible to minimize noise coupling.
In applications where this is not possible, use a shielded cable
between the DAC output and its destination. Reduce the
ground circuit impedance as much as possible since any poten-
tial difference in grounds between the DAC and its destination
device appears as an error voltage in series with the DAC output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com