Electronic Components Datasheet Search
  English  ▼

X  

AD7840 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7840
Description  LC2MOS Complete 14-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7840 Datasheet(HTML) 3 Page - Analog Devices

  AD7840 Datasheet HTML 1Page - Analog Devices AD7840 Datasheet HTML 2Page - Analog Devices AD7840 Datasheet HTML 3Page - Analog Devices AD7840 Datasheet HTML 4Page - Analog Devices AD7840 Datasheet HTML 5Page - Analog Devices AD7840 Datasheet HTML 6Page - Analog Devices AD7840 Datasheet HTML 7Page - Analog Devices AD7840 Datasheet HTML 8Page - Analog Devices AD7840 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD7840
REV. B
–3–
ORDERING GUIDE
Integral
Temperature
SNR
Nonlinearity
Package
Model
1
Range
(dB)
(LSB)
Option
2
AD7840JN
0
°C to +70°C
78 min
±2 max
N-24
AD7840KN
0
°C to +70°C
80 min
±1 max
N-24
AD7840JP
0
°C to +70°C
78 min
±2 max
P-28A
AD7840KP
0
°C to +70°C
80 min
±1 max
P-28A
AD7840AQ
–25
°C to +85°C
78 min
±2 max
Q-24
AD7840ARS
–25
°C to +85°C
78 min
±2 max
RS-24
AD7840BQ
–25
°C to +85°C
80 min
±1 max
Q-24
AD7840SQ
3
–55
°C to +125°C 78 min ±2 max
Q-24
NOTES
1To order MIL-STD-883, Class B processed parts, add /883B to part number.
Contact your local sales office for military data sheet and availability.
2N = Plastic DIP; P = Plastic Leaded Chip Carrier; Q = Cerdip.
3This grade will be available to /883B processing only.
TIMING CHARACTERISTICS1, 2
Limit at TMIN, TMAX
Limit at TMIN, TMAX
Parameter
(J, K, A, B Versions)
(S Version)
Units
Conditions/Comments
t1
0
0
ns min
CS
to WR Setup Time
t2
0
0
ns min
CS
to WR Hold Time
t3
45
50
ns min
WR
Pulse Width
t4
21
28
ns min
Data Valid to WR Setup Time
t5
10
15
ns min
Data Valid to WR Hold Time
t6
40
40
ns min
LDAC
Pulse Width
t7
50
50
ns min
SYNC
to SCLK Falling Edge
t8
3
150
200
ns min
SCLK Cycle Time
t9
30
40
ns min
Data Valid to SCLK Setup Time
t10
75
100
ns min
Data Valid to SCLK Hold Time
t11
75
100
ns min
SYNC
to SCLK Hold Time
NOTES
1Timing specifications in bold print are 100% production tested. All other times are sample tested at +25
°C to ensure compliance. All input signals are specified with
tr = tf = 5 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V.
2See Figures 6 and 8.
3SCLK mark/space ratio is 40/60 to 60/40.
Specifications subject to change without notice.
(VDD = +5 V
5%, VSS = –5 V
5%, AGND = DGND = 0 V.)
ABSOLUTE MAXIMUM RATINGS*
VDD to AGND . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
VSS to AGND . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to –7 V
AGND to DGND . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
VOUT to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . . VSS to VDD
REF OUT to AGND . . . . . . . . . . . . . . . . . . . . . . . 0 V to VDD
REF IN to AGND . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
Digital Inputs to DGND . . . . . . . . . . . –0.3 V to VDD + 0.3 V
Operating Temperature Range
Commercial (J, K Versions) . . . . . . . . . . . . . . 0
°C to +70°C
Industrial (A, B Versions) . . . . . . . . . . . . . . –25
°C to +85°C
Extended (S Version) . . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . +300
°C
Power Dissipation (Any Package) to +75
°C . . . . . . . . 450 mW
Derates above +75
°C by . . . . . . . . . . . . . . . . . . . . 10 mW/°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those listed in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7840 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com