Electronic Components Datasheet Search
  English  ▼

X  

AD9866 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9866
Description  Broadband Modem Mixed-Signal Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9866 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9866 Datasheet HTML 3Page - Analog Devices AD9866 Datasheet HTML 4Page - Analog Devices AD9866 Datasheet HTML 5Page - Analog Devices AD9866 Datasheet HTML 6Page - Analog Devices AD9866 Datasheet HTML 7Page - Analog Devices AD9866 Datasheet HTML 8Page - Analog Devices AD9866 Datasheet HTML 9Page - Analog Devices AD9866 Datasheet HTML 10Page - Analog Devices AD9866 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
AD9866
Rev. A | Page 7 of 48
SERIAL PORT TIMING SPECIFICATIONS
AVDD = 3.3 V ± 5%, DVDD = CLKVDD = DRVDD = 3.3 V ± 10%, unless otherwise noted.
Table 5.
Parameter
Temp
Test Level
Min
Typ
Max
Unit
WRITE OPERATION (See Figure 46)
SCLK Clock Rate (fSCLK)
Full
IV
32
MHz
SCLK Clock High (tHI)
Full
IV
14
ns
SCLK Clock Low (tLOW)
Full
IV
14
ns
SDIO to SCLK Setup Time (tDS)
Full
IV
14
ns
SCLK to SDIO Hold Time (tDH)
Full
IV
0
ns
SEN to SCLK Setup Time (tS)
Full
IV
14
ns
SCLK to SEN Hold Time (tH)
Full
IV
0
ns
READ OPERATION (See Figure 47 and Figure 48)
SCLK Clock Rate (fSCLK)
Full
IV
32
MHz
SCLK Clock High (tHI)
Full
IV
14
ns
SCLK Clock Low (tLOW)
Full
IV
14
ns
SDIO to SCLK Setup Time (tDS)
Full
IV
14
ns
SCLK to SDIO Hold Time (tDH)
Full
IV
0
ns
SCLK to SDIO (or SDO) Data Valid Time (tDV)
Full
IV
14
ns
SEN to SDIO Output Valid to Hi-Z (tEZ)
Full
IV
2
ns
HALF-DUPLEX DATA INTERFACE (ADIO PORT) TIMING SPECIFICATIONS
AVDD = 3.3 V ± 5%, DVDD = CLKVDD = DRVDD = 3.3 V ± 10%, unless otherwise noted.
Table 6.
Parameter
Temp
Test Level
Min
Typ
Max
Unit
READ OPERATION1 (See Figure 50)
Output Data Rate
Full
II
5
80
MSPS
Three-State Output Enable Time (tPZL)
Full
II
3
ns
Three-State Output Disable Time (tPLZ)
Full
II
3
ns
Rx Data Valid Time (tVT)
Full
II
1.5
ns
Rx Data Output Delay (tOD)
Full
II
4
ns
WRITE OPERATION (See Figure 49)
Input Data Rate (1× Interpolation)
Full
II
20
80
MSPS
Input Data Rate (2× Interpolation)
Full
II
10
80
MSPS
Input Data Rate (4× Interpolation)
Full
II
5
50
MSPS
Tx Data Setup Time (tDS)
Full
II
1
ns
Tx Data Hold Time (tDH)
Full
II
2.5
ns
Latch Enable Time (tEN)
Full
II
3
ns
Latch Disable Time (tDIS)
Full
II
3
ns
1 CLOAD = 5 pF for digital data outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com