Electronic Components Datasheet Search
  English  ▼

X  

AD9866 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9866
Description  Broadband Modem Mixed-Signal Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9866 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9866 Datasheet HTML 20Page - Analog Devices AD9866 Datasheet HTML 21Page - Analog Devices AD9866 Datasheet HTML 22Page - Analog Devices AD9866 Datasheet HTML 23Page - Analog Devices AD9866 Datasheet HTML 24Page - Analog Devices AD9866 Datasheet HTML 25Page - Analog Devices AD9866 Datasheet HTML 26Page - Analog Devices AD9866 Datasheet HTML 27Page - Analog Devices AD9866 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
AD9866
Rev. A | Page 24 of 48
TO
Tx DIGITAL
FILTER
12
ADIO
[11:0]
OSCIN
RXEN
AD9866
FROM
Rx ADC
12
RXEN
TXEN
TXEN
TXCLK
RXCLK
DAC_CLK
ADC_CLK
CLKOUT
DIGITAL ASIC
Tx/Rx
Data[11:0]
Figure 51. Example of a Half-Duplex Digital Interface
with AD9866 Serving as the Slave
Figure 52 shows a half-duplex interface with the AD9866 acting
as the master, generating all the required clocks. CLKOUT1
provides a clock equal to the bus data rate that is fed to the
ASIC as well as back to the TXCLK and RXCLK inputs. This
interface has the advantage of reducing the digital ASIC’s pin
count by three. The ASIC needs only to generate a bus control
signal that controls the data flow on the bidirectional bus.
TO
Tx DIGITAL
FILTER
12
ADIO
[11:0]
Tx/Rx
Data[11:0]
CLKOUT1
AD9866
FROM
Rx ADC
12
RXEN
TXEN
BUS_CTR
TXCLK
RXCLK
CLKIN
DIGITAL ASIC
OSCIN
FROM
CRYSTAL
OR MASTER CLK
Figure 52. Example of a Half-Duplex Digital Interface
with AD9866 Serving as the Master
FULL-DUPLEX MODE
The full-duplex mode interface is selected when the MODE pin
is tied high. It can be used for full- or half-duplex applications.
The digital interface port is divided into two 6-bit ports called
Tx[5:0] and Rx[5:0], allowing simultaneous Tx and Rx opera-
tions for full-duplex applications. In half-duplex applications,
the Tx[5:0] port can also be used to provide a fast update of the
RxPGA (AD9876 backward compatible) during an Rx opera-
tion. This feature is enabled by default and can be used to
reduce the required pin count of the ASIC (refer to RxPGA
Control section for details).
In either application, Tx and Rx data are transferred between
the ASIC and AD9866 in 6-bit nibbles at twice the internal
input/output word rates of the Tx interpolation filter and ADC.
Note that the TxDAC update rate must not be less than the
nibble rate. Therefore, the 2× or 4× interpolation filter must be
used with a full-duplex interface.
The AD9866 acts as the master, providing RXCLK as an output
clock that is used for the timing of both the Tx[5:0] and Rx[5:0]
ports. RXCLK always runs at the nibble rate and can be inverted
or disabled via an SPI register. Because RXCLK is derived from
the clock synthesizer, it remains active, provided that this func-
tional block remains powered on. A buffered version of the
signal appearing at OSCIN can also be directed to RXCLK by
setting Bit 2 of Register 0x05. This feature allows the AD9866 to
be completely powered down (including the clock synthesizer)
while serving as the master.
The Tx[5:0] port operates in the following manner with the SPI
register default settings. Two consecutive nibbles of the Tx data are
multiplexed together to form a 10-bit data-word in twos complement
format. The clock appearing on the RXCLK pin is a buffered version
of the internal clock used by the Tx[5:0] port’s input latch with a
frequency that is always twice the ADC sample rate (2 × fADC). Data
from the Tx[5:0] port is read on the rising edge of this sampling
clock, as illustrated in the timing diagram shown in Figure 53.
Note, TXQUIET must remain high for the reconstructed Tx data to
appear as an analog signal at the output of the TxDAC or IAMP.
Tx2LSB
Tx0LSB
t
HD
tDS
RXCLK
TXSYNC
Tx[5:0]
Tx1MSB
Tx1LSB
Tx2MSB
Tx3LSB
Tx3MSB
Figure 53. Tx[5:0] Port Full-Duplex Timing Diagram
The TXSYNC signal is used to indicate to which word a nibble
belongs. While TXSYNC is low, the first nibble of every word is
read as the most significant nibble. The second nibble of that
same word is read on the following TXSYNC high level as the
least significant nibble. If TXSYNC is low for more than one
clock cycle, the last transmit data is read continuously until
TXSYNC is brought high for the second nibble of a new trans-
mit word. This feature can be used to flush the interpolator
filters with zeros. Note that the GAIN signal must be kept low
during a Tx operation.
The Rx[5:0] port operates in the following manner with the SPI
register default settings. Two consecutive nibbles of the Rx data
are multiplexed together to form a 12-bit data-word in twos
complement format. The Rx data is valid on the rising edge of
RXCLK, as illustrated in the timing diagram shown in
Figure 54. The RXSYNC signal is used to indicate to which
word a nibble belongs. While RXSYNC is low, the first nibble of
every word is transmitted as the most significant nibble. The
second nibble of that same word is transmitted on the following
RXSYNC high level as the least significant nibble.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com