Electronic Components Datasheet Search
  English  ▼

X  

AD9866 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9866
Description  Broadband Modem Mixed-Signal Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9866 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9866 Datasheet HTML 14Page - Analog Devices AD9866 Datasheet HTML 15Page - Analog Devices AD9866 Datasheet HTML 16Page - Analog Devices AD9866 Datasheet HTML 17Page - Analog Devices AD9866 Datasheet HTML 18Page - Analog Devices AD9866 Datasheet HTML 19Page - Analog Devices AD9866 Datasheet HTML 20Page - Analog Devices AD9866 Datasheet HTML 21Page - Analog Devices AD9866 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
AD9866
Rev. A | Page 18 of 48
IAMP PATH TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = CLKVDD = DVDD = DRVDD = 3.3 V, fOSCIN = 50 MSPS, RSET = 1.58 kΩ, 1:1 transformer coupled output (see Figure 64 and
Figure 65) into 50 Ω load, half- or full-duplex interface, default power bias settings.
FREQUENCY (MHz)
0
5
10
15
20
25
20
–60
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
5
10
15
RBW = 2.3kHz
Figure 39. Dual-Tone Spectral Plot of IAMPN Output (IAMP Settings of
I = 12.5 mA, N = 4, G = 0, 2:1 Transformer into 75 Ω Loader, VCM = 4.8 V)
FREQUENCY (MHz)
0
5
10
15
20
25
0
–80
–70
–60
–50
–40
–30
–20
–10
PAR = 11.4
RMS = 10.3dBm
Figure 40. Spectral Plot of 84-Carrier OFDM Test Vector Using IAMPN in
Current-Mode Configuration
(IAMP Settings of I = 10 mA, N = 4, G = 0; VCM = 4.8 V)
FREQUENCY (MHz)
0
5
10
15
20
25
0
–80
–70
–60
–50
–40
–30
–20
–10
PAR = 11.4
RMS = 10.4dBm
Figure 41. Spectral Plot of 84-Carrier OFDM Test Vector Using IAMP in
Voltage-Mode Configuration with AVDD = 5 V
(PBR951 Transistors, IAMP Settings of I = 6 mA, N = 2, G = 6)
VCM (V)
3.0
3.5
4.0
4.5
5.0
48
5MHz
10MHz
15MHz
20MHz
2.5MHz
30
46
44
42
40
38
36
34
32
Figure 42. IOUTN Third-Order Intercept vs. Common-Mode Voltage
(IAMP Settings of I = 12.5 mA, N = 4, G = 0, 2:1 Transformer into 75 Ω Load)
VCM (V)
3.0
3.5
4.0
4.5
5.0
42
5MHz
10MHz
15MHz
20MHz
2.5MHz
30
40
38
36
34
32
Figure 43. IOUTG Third-Order Intercept vs. Common-Mode Voltage
(IAMP Settings of I = 4.25 mA, N = 0, G = 6, 2:1 Transformer into 75 Ω Load)
FREQUENCY (MHz)
0
5
10
15
20
25
0
–80
–70
–60
–50
–40
–30
–20
–10
PAR = 11.4
RMS = 9.8dBm
RBW = 10kHz
Figure 44. Spectral Plot of 84-Carrier OFDM Test Vector Using IAMP in
Voltage-Mode Configuration with AVDD = 3.3 V
(PBR951 Transistors, IAMP Settings of I = 6 mA, N = 2, G = 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com