Electronic Components Datasheet Search
  English  ▼

X  

AD9866 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9866
Description  Broadband Modem Mixed-Signal Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9866 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9866 Datasheet HTML 9Page - Analog Devices AD9866 Datasheet HTML 10Page - Analog Devices AD9866 Datasheet HTML 11Page - Analog Devices AD9866 Datasheet HTML 12Page - Analog Devices AD9866 Datasheet HTML 13Page - Analog Devices AD9866 Datasheet HTML 14Page - Analog Devices AD9866 Datasheet HTML 15Page - Analog Devices AD9866 Datasheet HTML 16Page - Analog Devices AD9866 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
AD9866
Rev. A | Page 13 of 48
Rx PATH TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = CLKVDD = DVDD = DRVDD = 3.3 V, fOSCIN = fADC = 80 MSPS, low-pass filter’s f−3 dB = 30 MHz, AIN = −1 dBFS,
RIN = 50 Ω, half- or full-duplex interface, default power bias settings.
FREQUENCY (MHz)
0
10
20304
10
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
FUND = –1dBFS
SINAD = 62.4dBFS
ENOB = 10.1BITS
SNR = 63.4dBFS
THD = –69.3dBFS
SFDR = –70.5dBc (THIRD HARMONIC)
RBW = 19.53kHz
Figure 9. Spectral Plot with 4k FFT of Input Sinusoid
with RxPGA = 0 dB and PIN = 9 dBm
FREQUENCY (MHz)
0
10
20304
–30
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
RBW = 19.53kHz
0
Figure 10. Spectral Plot with 4K FFT of 111-Carrier DMT Signal
with PAR = 11 dB, PIN = −33.7 dBm, LPF's f−3 dB = 32 MHz and RxPGA = 36 dB
INPUT AMPLITUDE (dBFS)
(0dBFS = 2V p-p)
–21
–18
–15
–12
–9
–6
–3
0
66
45
–50
–92
–86
–80
–74
–68
–62
–56
63
60
57
54
51
48
SINAD @ 3.14V
SINAD @ 3.3V
SINAD @ 3.46V
THD @ 3.14V
THD @ 3.3V
THD @ 3.46V
Figure 11. SINAD and THD vs. Input Amplitude and Supply
(fIN = 8 MHz, LPF f−3 dB = 26 MHz; RxPGA = 0 dB)
RxPGA GAIN (dB)
–6
0
6
12
18
24
30
36
42
48
65
62
41
44
47
50
53
56
59
10.5
10.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
5MHz
10MHz
15MHz
20MHz
30MHz
Figure 12. SINAD/ENOB vs. RxPGA Gain and Frequency
RxPGA GAIN (dB)
–6
0
6
12
18
24
30
36
42
48
–55
–60
–65
–70
–75
–80
–85
5MHz
10MHz
15MHz
20MHz
30MHz
Figure 13. THD vs. RxPGA Gain and Frequency
RxPGA GAIN (dB)
–6
0
6
12
18
24
30
36
42
48
65
61
59
56
53
50
47
44
41
–40
–80
–75
–70
–65
–60
–55
–50
–45
SINAD @ +25
°C
SINAD @ +85
°C
SINAD @ –40
°C
THD @ +25
°C
THD @ +85
°C
THD @ –40
°C
Figure 14. SINAD/THD Performance vs. RxPGA Gain and Temperature
( fIN = 10 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com