Electronic Components Datasheet Search
  English  ▼

X  

AD9991 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9991
Description  10-Bit CCD Signal Processor with Precision Timing ??Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9991 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9991 Datasheet HTML 12Page - Analog Devices AD9991 Datasheet HTML 13Page - Analog Devices AD9991 Datasheet HTML 14Page - Analog Devices AD9991 Datasheet HTML 15Page - Analog Devices AD9991 Datasheet HTML 16Page - Analog Devices AD9991 Datasheet HTML 17Page - Analog Devices AD9991 Datasheet HTML 18Page - Analog Devices AD9991 Datasheet HTML 19Page - Analog Devices AD9991 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
AD9991
–16–
VERTICAL TIMING GENERATION
The AD9991 provides a very flexible solution for generating
vertical CCD timing, and can support multiple CCDs and dif-
ferent system architectures. The 6-phase vertical transfer clocks
V1–V6 are used to shift each line of pixels into the horizontal
output register of the CCD. The AD9991 allows these outputs to
be individually programmed into various readout configurations
using a four step process.
Figure 15 shows an overview of how the vertical timing is gener-
ated in four steps. First, the individual pulse patterns for V1–V6
are created by using the vertical pattern group registers. Second,
the V-pattern groups are used to build the sequences, where
additional information is added. Third, the readout for an entire
field is constructed by dividing the field into different regions and
then assigning a sequence to each region. Each field can contain
up to seven different regions to accommodate different steps of
the readout such as high speed line shifts and unique vertical line
transfers. Up to six different fields may be created. Finally, the
Mode register allows the different fields to be combined into any
order for various readout configurations.
REGION 0: USE V-SEQUENCE 3
REGION 1: USE V-SEQUENCE 2
REGION 2: USE V-SEQUENCE 1
REGION 0: USE V-SEQUENCE 3
REGION 1: USE V-SEQUENCE 2
REGION 2: USE V-SEQUENCE 1
REGION 0: USE V-SEQUENCE 2
REGION 1: USE V-SEQUENCE 0
REGION 3: USE V-SEQUENCE 0
REGION 4: USE V-SEQUENCE 2
CREATE THE VERTICAL PATTERN GROUPS
(MAXIMUM OF 10 GROUPS).
BUILD THE V-SEQUENCES BY ADDING LINE START
POSITION, # OF REPEATS, AND HBLK/CLPOB PULSES
(MAXIMUM OF 10 V-SEQUENCES).
V-SEQUENCE 0
(VPAT0, 1 REP)
BUILD EACH FIELD BY DIVIDING INTO DIFFERENT REGIONS,
AND ASSIGNING A DIFFERENT V-SEQUENCE TO EACH
(MAXIMUM OF 7 REGIONS IN EACH FIELD)
(MAXIMUM OF 6 FIELDS).
V1
V2
V5
V6
V1
V2
V3
V4
FIELD 0
FIELD 1
FIELD 2
REGION 2: USE V-SEQUENCE 3
USE THE MODE REGISTER TO CONTROL WHICH FIELDS
ARE USED, AND IN WHAT ORDER
(MAXIMUM OF 7 FIELDS MAY BE COMBINED IN ANY ORDER).
FIELD 0
FIELD 1
FIELD 2
FIELD 3
FIELD 4
FIELD 5
FIELD 1
FIELD 4
FIELD 2
V4
V3
V5
V6
V-SEQUENCE 1
(VPAT9, 2 REP)
V-SEQUENCE 2
(VPAT9, N REP)
VPAT 0
V1
V2
V5
V6
V4
V3
V1
V2
V5
V6
V4
V3
V1
V2
V5
V6
V4
V3
VPAT 9
Figure 15. Summary of Vertical Timing Generation
REV. 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com