Electronic Components Datasheet Search
  English  ▼

X  

AD9991 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9991
Description  10-Bit CCD Signal Processor with Precision Timing ??Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9991 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9991 Datasheet HTML 27Page - Analog Devices AD9991 Datasheet HTML 28Page - Analog Devices AD9991 Datasheet HTML 29Page - Analog Devices AD9991 Datasheet HTML 30Page - Analog Devices AD9991 Datasheet HTML 31Page - Analog Devices AD9991 Datasheet HTML 32Page - Analog Devices AD9991 Datasheet HTML 33Page - Analog Devices AD9991 Datasheet HTML 34Page - Analog Devices AD9991 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
AD9991
–31–
6dB–42dB
CCDIN
DIGITAL
FILTER
CLPOB
DC RESTORE
OPTICAL BLACK
CLAMP
10-BIT
ADC
VGA
DAC
CLAMP LEVEL
REGISTER
8
VGA GAIN
REGISTER
CDS
INTERNAL
VREF
2V FULL SCALE
10
PRECISION
TIMING
GENERATION
SHP
SHD
1.5V
OUTPUT
DATA
LATCH
REFT
REFB
DOUT
PHASE
V-H
TIMING
GENERATION
SHP SHD
DOUT
PHASE
CLPOB
PBLK
PBLK
1.0V
2.0V
DOUT
AD9991
Figure 33. Analog Front End Functional Block Diagram
ANALOG FRONT END DESCRIPTION AND OPERATION
The AD9991 signal processing chain is shown in Figure 33.
Each processing step is essential in achieving a high quality image
from the raw CCD pixel data.
DC Restore
To reduce the large dc offset of the CCD output signal, a dc
restore circuit is used with an external 0.1 µF series coupling
capacitor. This restores the dc level of the CCD signal to approxi-
mately 1.5 V, to be compatible with the 3 V supply voltage of the
AD9991.
Correlated Double Sampler
The CDS circuit samples each CCD pixel twice to extract the
video information and reject low frequency noise. The timing
shown in Figure 7 illustrates how the two internally generated
CDS clocks, SHP and SHD, are used to sample the reference
level and level of the CCD signal, respectively. The placement of
the SHP and SHD sampling edges is determined by the setting
of the SAMPCONTROL register located at address 0x63. Place-
ment of these two clock signals is critical in achieving the best
performance from the CCD.
Variable Gain Amplifier
The VGA stage provides a gain range of 6 dB to 42 dB, program-
mable with 10-bit resolution through the serial digital interface.
The minimum gain of 6 dB is needed to match a 1 V input signal
with the ADC full-scale range of 2 V. When compared to 1 V full-
scale systems, the equivalent gain range is 0 dB to 36 dB.
The VGA gain curve follows a “linear-in-dB” characteristic. The
exact VGA gain can be calculated for any gain register value by
using the equation
Gain (dB) = (0.0351
Code) + 6 dB
where the code range is 0 to 1023.
VGA GAIN REGISTER CODE
42
0
127
255
383
511
639
767
895
1023
36
30
24
18
12
6
Figure 34. VGA Gain Curve
A/D Converter
The AD9991 uses a high performance ADC architecture,
optimized for high speed and low power. Differential nonlinearity
(DNL) performance is typically better than 0.5 LSB. The ADC
uses a 2 V input range. See TPC 2 and TPC 3 for typical linearity
and noise performance plots for the AD9991.
REV. 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com