Electronic Components Datasheet Search
  English  ▼

X  

AD9865-EB Datasheet(PDF) 38 Page - Analog Devices

Part # AD9865-EB
Description  Broadband Modem Mixed-Signal Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9865-EB Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9865-EB Datasheet HTML 34Page - Analog Devices AD9865-EB Datasheet HTML 35Page - Analog Devices AD9865-EB Datasheet HTML 36Page - Analog Devices AD9865-EB Datasheet HTML 37Page - Analog Devices AD9865-EB Datasheet HTML 38Page - Analog Devices AD9865-EB Datasheet HTML 39Page - Analog Devices AD9865-EB Datasheet HTML 40Page - Analog Devices AD9865-EB Datasheet HTML 41Page - Analog Devices AD9865-EB Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
AD9865
Rev. A | Page 38 of 48
at OSCIN (or RXCLK) can be determined upon power up. Also,
this clock has near 50% duty cycle, because it is derived from
the VCO. As a result, CLKOUT1 should be selected before
CLKOUT2 as the primary source for system clock distribution.
CLKOUT2 is a divided version of the reference frequency, fOSCIN,
and can be set to be a submultiple integer of fOSCIN (fOSCIN/2L,
where L = 0, 1, or 2). With L set to 0, the output of CLKOUT2 is
a delayed version of the signal appearing at OSCIN, exhibiting
the same duty cycle characteristics. With L set to 1 or 2, the
output of CLKOUT2 is a divided version of the OSCIN signal,
exhibiting a near 50% duty cycle, but without having a determi-
nistic phase relationship relative to CLKOUT1 (or RXCLK).
Table 22. SPI Registers for CLK Synthesizer
Address (Hex)
Bit
Description
0x04
(4)
ADC CLK from PLL
(3:2)
PLL divide factor (P)
(1:0)
PLL multiplication factor (M)
0x06
(7:6)
CLKOUT2 divide number
(5)
CLKOUT2 invert
(4)
CLKOUT2 disable
(3:2)
CLKOUT1 divide number
(1)
CLKOUT1 invert
(0)
CLKOUT1 disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com