Electronic Components Datasheet Search
  English  ▼

X  

AD9865-EB Datasheet(PDF) 46 Page - Analog Devices

Part # AD9865-EB
Description  Broadband Modem Mixed-Signal Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9865-EB Datasheet(HTML) 46 Page - Analog Devices

Back Button AD9865-EB Datasheet HTML 40Page - Analog Devices AD9865-EB Datasheet HTML 41Page - Analog Devices AD9865-EB Datasheet HTML 42Page - Analog Devices AD9865-EB Datasheet HTML 43Page - Analog Devices AD9865-EB Datasheet HTML 44Page - Analog Devices AD9865-EB Datasheet HTML 45Page - Analog Devices AD9865-EB Datasheet HTML 46Page - Analog Devices AD9865-EB Datasheet HTML 47Page - Analog Devices AD9865-EB Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 46 / 48 page
background image
AD9865
Rev. A | Page 46 of 48
EVALUATION BOARD
An evaluation board is available for the AD9865 and AD9866.
The digital interface to the evaluation board can be configured
for a half- or full-duplex interface. Two 40-pin and one 26-pin
male right angle headers (0.100 inches) provide easy interfacing
to test equipment such as digital data capture boards, pattern
generators, or custom digital evaluation boards (FPGA, DSP, or
ASIC). The reference clock source can originate from an exter-
nal generator, crystal oscillator, or crystal. Software and an
interface cable are included to allow for programming of the SPI
registers via a PC.
The analog interface on the evaluation board provides a full
analog front-end reference design for power line applications. It
includes a power line socket, line transformer, protection diodes,
and passive filtering components. An auxiliary path allows
independent monitoring of the ac power line. The evaluation
board allows complete optimization of power line reference
designs based around the AD9865 or AD9866.
Alternatively, the evaluation board allows independent evalua-
tion of the TxDAC, IAMP, and Rx paths via SMA connectors.
The IAMP can be easily configured for a voltage or current
mode interface via jumper settings. The TxDAC’s performance
can be evaluated directly or via an optional dual op amp driver
stage. The Rx path includes a transformer and termination
resistor allowing a calibrated differential input signal to be
injected into its front end.
The Analog Devices, Inc. website offers more information on
the AD9865/AD9866 evaluation board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com