Electronic Components Datasheet Search
  English  ▼

X  

AD9865-EB Datasheet(PDF) 45 Page - Analog Devices

Part # AD9865-EB
Description  Broadband Modem Mixed-Signal Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9865-EB Datasheet(HTML) 45 Page - Analog Devices

Back Button AD9865-EB Datasheet HTML 40Page - Analog Devices AD9865-EB Datasheet HTML 41Page - Analog Devices AD9865-EB Datasheet HTML 42Page - Analog Devices AD9865-EB Datasheet HTML 43Page - Analog Devices AD9865-EB Datasheet HTML 44Page - Analog Devices AD9865-EB Datasheet HTML 45Page - Analog Devices AD9865-EB Datasheet HTML 46Page - Analog Devices AD9865-EB Datasheet HTML 47Page - Analog Devices AD9865-EB Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
AD9865
Rev. A | Page 45 of 48
occur during undershoot or overshoot caused by ringing. If the
signal traces cannot be kept shorter than about 1.5 inches, series
termination resistors (33 Ω to 47 Ω) should be placed close to
all digital signal sources. It is a good idea to series-terminate all
clock signals at their source, regardless of trace length.
The receive RX+ and RX− signals are the most sensitive signals
on the entire board. Careful routing of these signals is essential
for good receive path performance. The RX+ and RX− signals
form a differential pair and should be routed together as a pair.
By keeping the traces adjacent to each other, noise coupled onto
the signals appears as common mode and is largely rejected by
the MxFE receive input. Keeping the driving point impedance
of the receive signal low and placing any low-pass filtering of
the signals close to the MxFE further reduces the possibility of
noise corrupting these signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com