Electronic Components Datasheet Search
  English  ▼

X  

AD9865-EB Datasheet(PDF) 27 Page - Analog Devices

Part # AD9865-EB
Description  Broadband Modem Mixed-Signal Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9865-EB Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9865-EB Datasheet HTML 23Page - Analog Devices AD9865-EB Datasheet HTML 24Page - Analog Devices AD9865-EB Datasheet HTML 25Page - Analog Devices AD9865-EB Datasheet HTML 26Page - Analog Devices AD9865-EB Datasheet HTML 27Page - Analog Devices AD9865-EB Datasheet HTML 28Page - Analog Devices AD9865-EB Datasheet HTML 29Page - Analog Devices AD9865-EB Datasheet HTML 30Page - Analog Devices AD9865-EB Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
AD9865
Rev. A | Page 27 of 48
TXPGA CONTROL
The AD9865 also contains a digital PGA in the Tx path distri-
buted between the TxDAC and IAMP. The TxPGA is used to
control the peak current from the TxDAC and IAMP over a
7.5 dB and 19.5 dB span, respectively, with 0.5 dB resolution.
A 6-bit word is used to set the TxPGA attenuation according to
the mapping shown in Figure 58. The TxDAC gain mapping is
applicable only when Bit 0 of Register 0x0E is set, and only the
four LSBs of the 6-bit gain word are relevant.
6-BIT DIGITAL CODE (Decimal Equivalent)
0
8
16
24
32
40
48
56
64
0
–20
–16
–18
–14
–12
–10
–8
–6
–2
–4
–1
–17
–19
–15
–13
–11
–9
–7
–3
–5
TxDACs IOUTP OUTPUT
HAS 7.5dB RANGE
IAMPs IOUTN AND IOUTG
OUTPUTS HAS 19.5dB RANGE
Figure 58. Digital Gain Mapping of TxPGA
The TxPGA register can be updated via the PGA[5:0] port or
SPI port. The first method should be considered for fast updates
of the TxPGA register. Its operation is similar to the description
in the RxPGA Control section. The SPI port allows direct up-
date and readback of the TxPGA register via Register 0x0A with
an update rate limited to 1.6 MSPS (SCLK = 32 MHz). Bit 6 of
Register 0x0A must be set for a read or write operation.
Table 17 lists the SPI registers pertaining to the TxPGA. The
TxPGA control register default setting is for minimum
attenuation (0 dBFS) with the PGA[5:0] port disabled for Tx
gain control.
Table 17. SPI Registers TxPGA Control
Address (Hex)
Bit
Description
0x0A
(6)
Enable TxPGA update via SPI
(5:0)
TxPGA gain code
0x0B
(6)
Select TxPGA via PGA[5:0]
(5)
Select RxPGA via PGA[5:0]
0x0E
(0)
TxDAC output (IAMP disabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com