Electronic Components Datasheet Search
  English  ▼

X  

AP603 Datasheet(PDF) 13 Page - WJ Communication. Inc.

Part # AP603
Description  High Dynamic Range 7W 28V HBT Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AP603 Datasheet(HTML) 13 Page - WJ Communication. Inc.

Back Button AP603 Datasheet HTML 6Page - WJ Communication. Inc. AP603 Datasheet HTML 7Page - WJ Communication. Inc. AP603 Datasheet HTML 8Page - WJ Communication. Inc. AP603 Datasheet HTML 9Page - WJ Communication. Inc. AP603 Datasheet HTML 10Page - WJ Communication. Inc. AP603 Datasheet HTML 11Page - WJ Communication. Inc. AP603 Datasheet HTML 12Page - WJ Communication. Inc. AP603 Datasheet HTML 13Page - WJ Communication. Inc. AP603 Datasheet HTML 14Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 13 of 14 May 2007 ver 1
AP603
High Dynamic Range 7W 28V HBT Amplifier
2110-2170 MHz High Efficiency Reference Design
Targeted for Linearized Power Amplifiers
Typical WCDMA Performance at 25
°C
at a channel power of +32 dBm
Frequency
2140 MHz
W-CDMA Channel Power
+32 dBm
Power Gain
11.5 dB
Input Return Loss
20 dB
Output Return Loss
11 dB
ACLR
-34 dBc
Operating Current, Icc
170 mA
Collector Efficiency
32.5 %
Output P1dB
+38.5 dBm
Quiescent Current, Icq
40 mA
Vpd, Vbias
+5 V
Vcc
+28 V
Notes:
1. The primary RF microstrip line is 50
Ω.
2. Components shown on the silkscreen but not on the schematic are not used.
3. The center of C22 is placed at 0.185” (17.3
° @ 2140 MHz) from the center of C1.
4. The center of C1 is placed at 0.875” (81.6
° @ 2140 MHz) from the center of C5.
5. The center of C5 is placed at 0.070” (6.5
° @ 2140 MHz) from the edge of the AP603 (U1).
6. The center of C28 is placed at 0.190” (17.7
° @ 2140 MHz) from the edge of the AP603 (U1).
7. The center of C29 is placed at 0.300” (28.0
° @ 2140 MHz) from the center of C28.
8. The bold-faced RF trace is for the DC bias feed. The stub’s length is approximately a ¼ λ.
2110-2170 MHz High Efficiency Application Circuit Performance Plots
DPD Correction vs ACLR vs. Output Power
WCDMA, 2140 MHz, Vcc = 28V, Icq = 40 mA, 25 ˚C
-70
-60
-50
-40
-30
22
24
26
28
30
32
Average Output Power (dBm)
Uncorrected, Upper / Lower
DPD Corrected, Upper / Lower
Single-carrier WCDMA TM 1+64 DPCH,
No Clipping, PAR = 9.5 dB @ 0.01% CCDF
DPD Correction vs ACLR vs. Output Power
WCDMA, 2140 MHz, Vcc = 28V, Icq = 40 mA, 25 ˚C
-70
-60
-50
-40
-30
22
24
26
28
30
32
Average Output Power (dBm)
Uncorrected, Upper / Lower
DPD Corrected, Upper / Lower
Single-carrier WCDMA TM 1+64 DPCH,
69% Clipping, PAR = 8.6 dB @ 0.01% CCDF
DPD Correction vs ACLR vs. Output Power
WCDMA, 2140 MHz, Vcc = 28V, Icq = 40 mA, 25 ˚C
-70
-60
-50
-40
-30
22
24
26
28
30
32
Average Output Power (dBm)
Uncorrected, Upper / Lower
DPD Corrected, Upper / Lower
Single-carrier WCDMA TM 1+64 DPCH,
33% Clipping, PAR = 6.6 dB @ 0.01% CCDF
Gain vs. Output Power
CW tone, 2140 MHz, Vcc = 28V, Icq = 40 mA, 25 ˚C
8
9
10
11
12
13
20
24
28
32
36
40
Output Power (dBm)
Icc vs. Output Power
2140 MHz, Vcc = 28V, Icq = 40 mA, 25 ˚C
60
80
100
120
140
160
180
22
24
26
28
30
32
Average Output Power (dBm)
Single-carrier WCDMA TM 1+64 DPCH,
69% Clipping, PAR = 8.6 dB @ 0.01% CCDF
Efficiency vs. Output Power
2140 MHz, Vcc = 28V, Icq = 40 mA, 25 ˚C
0
10
20
30
40
22
24
26
28
30
32
Average Output Power (dBm)
Single-carrier WCDMA TM 1+64 DPCH,
69% Clipping, PAR = 8.6 dB @ 0.01% CCDF
0.8pF
See note 3
3.6 pF
See note 5
See note 4
W = 0.030”
L = 0.980”
C28
3.6 pF
See note 6
C29
0.4 pF
See note 7
2.3 kΩ
C21
C7
1000pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com