Electronic Components Datasheet Search
  English  ▼

X  

AP603 Datasheet(PDF) 10 Page - WJ Communication. Inc.

Part # AP603
Description  High Dynamic Range 7W 28V HBT Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AP603 Datasheet(HTML) 10 Page - WJ Communication. Inc.

Back Button AP603 Datasheet HTML 6Page - WJ Communication. Inc. AP603 Datasheet HTML 7Page - WJ Communication. Inc. AP603 Datasheet HTML 8Page - WJ Communication. Inc. AP603 Datasheet HTML 9Page - WJ Communication. Inc. AP603 Datasheet HTML 10Page - WJ Communication. Inc. AP603 Datasheet HTML 11Page - WJ Communication. Inc. AP603 Datasheet HTML 12Page - WJ Communication. Inc. AP603 Datasheet HTML 13Page - WJ Communication. Inc. AP603 Datasheet HTML 14Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 10 of 14 May 2007 ver 1
AP603
High Dynamic Range 7W 28V HBT Amplifier
2110-2170 MHz Application Circuit (AP603-PCB2140)
Typical WCDMA Performance at 25
°C
at a channel power of +30 dBm
Frequency
2140 MHz
W-CDMA Channel Power
+30 dBm
Power Gain
11.8 dB
Input Return Loss
10 dB
Output Return Loss
8.2 dB
ACLR
-50 dBc
IMD3 @ +30 dBm PEP
-51 dBc
Operating Current, Icc
246 mA
Collector Efficiency
14.6 %
Output P1dB
+38.2 dBm
Quiescent Current, Icq
160 mA
Vpd, Vbias
+5 V
Vcc
+28 V
Notes:
1. The primary RF microstrip line is 50
Ω.
2. Components shown on the silkscreen but not on the schematic are not used.
3. The center of C22 is placed at 0.185” (17.3
° @ 2140 MHz) from the center of C1.
4. The center of C1 is placed at 0.860” (80.2
° @ 2140 MHz) from the center of C5.
5. The center of C5 is placed at 0.085” (7.9
° @ 2140 MHz) from the edge of the AP603 (U1).
6. The center of C23 is placed at 0.245” (22.9
° @ 2140 MHz) from the edge of the AP603 (U1).
7. The center of C19 is placed at 0.475” (44.3
° @ 2140 MHz) from the center of C23.
8. The bold-faced RF trace is for the DC bias feed. The stub’s length is approximately a ¼ λ.
2110-2170 MHz Application Circuit Performance Plots
W-CDMA 3GPP Test Model 1+64 DPCH, 60% clipping, PAR = 8.6 dB @ 0.01% Probability, 3.84 MHz BW
Gain vs. Output Power vs. Frequency
CW tone, Vcc = 28V, Icq = 160 mA, 25 ˚C
7
8
9
10
11
12
30
32
34
36
38
40
Output Power (dBm)
2110 MHz
2140 MHz
2170 MHz
S11, S22 vs. Frequency
Vcc = 28V, Icq = 160 mA, 25 ˚C
-25
-20
-15
-10
-5
0
2
2.05
2.1
2.15
2.2
2.25
2.3
Frequency (GHz)
S11
S22
Efficiency vs. Output Power vs. Frequency
CW tone, Vcc = 28V, Icq = 160 mA, 25 ˚C
0
10
20
30
40
50
22
26
30
34
38
Output Power (dBm)
2110 MHz
2140 MHz
2170 MHz
ACLR1 vs. Output Power vs. Frequency
WCDMA, Vcc = 28V, Icq = 160 mA, 25 ˚C
-65
-60
-55
-50
-45
-40
22
24
26
28
30
32
Average Output Power (dBm)
2110 MHz
2140 MHz
2170 MHz
Icc vs. Output Power vs. Frequency
WCDMA, Vcc = 28V, Icq = 160 mA, 25 ˚C
150
175
200
225
250
275
300
22
24
26
28
30
32
Average Output Power (dBm)
2110 MHz
2140 MHz
2170 MHz
Efficiency vs. Output Power vs. Frequency
WCDMA, Vcc = 28V, Icq = 160 mA, 25 ˚C
0
5
10
15
20
25
22
24
26
28
30
32
Average Output Power (dBm)
2110 MHz
2140 MHz
2170 MHz
Unconditionally stable circuit version of this application circuit is available for download off of the website at: http://www.wj.com
0.8pF
See note 3
See note 5
See note 6
See note 4
See note 7
W = 0.030”
L = 0.980”
C7
1000pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com