Electronic Components Datasheet Search
  English  ▼

X  

AP603 Datasheet(PDF) 2 Page - WJ Communication. Inc.

Part # AP603
Description  High Dynamic Range 7W 28V HBT Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AP603 Datasheet(HTML) 2 Page - WJ Communication. Inc.

  AP603 Datasheet HTML 1Page - WJ Communication. Inc. AP603 Datasheet HTML 2Page - WJ Communication. Inc. AP603 Datasheet HTML 3Page - WJ Communication. Inc. AP603 Datasheet HTML 4Page - WJ Communication. Inc. AP603 Datasheet HTML 5Page - WJ Communication. Inc. AP603 Datasheet HTML 6Page - WJ Communication. Inc. AP603 Datasheet HTML 7Page - WJ Communication. Inc. AP603 Datasheet HTML 8Page - WJ Communication. Inc. AP603 Datasheet HTML 9Page - WJ Communication. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 2 of 14 May 2007 ver 1
AP603
High Dynamic Range 7W 28V HBT Amplifier
Typical Device Data
S-Parameters (VCC = +28 V, VPD = VBIAS = 5 V, ICQ = 160 mA, T = 25 °C, unmatched 50 ohm system, calibrated to device leads)
0
0.5
1
1.5
2
2.5
Frequency (GHz)
Gain / Maximum Stable Gain
-10
-5
0
5
10
15
20
25
30
35
40
DB(|S(2,1)|)
DB(GMax())
10.0
5.
0
3.
0
4.
0
-0
.2
-
0
.
4
S11
Swp Max
3.00001GHz
Swp Min
3e-005GHz
10.0
5.
0
3.
0
4.
0
-0
.2
-
0
.
4
S22
Swp Max
3.00001GHz
Swp Min
3e-005GHz
The gain for the unmatched device in 50 ohm system is shown as the trace in black color. For a tuned circuit for a particular frequency,
it is expected that actual gain will be higher, up to the maximum stable gain. The maximum stable gain is shown in the marked red line.
The impedance plots are shown from 50 – 3000 MHz, with markers placed at 0.5 – 3.0 GHz in 0.5 GHz increments.
Freq (MHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
50
-2.63
-169.40
25.54
146.01
-40.50
55.97
-1.32
-45.78
100
-1.78
-170.62
23.33
132.51
-38.11
39.21
-3.07
-67.75
200
-0.92
-173.99
19.08
109.79
-36.04
21.60
-5.00
-104.04
400
-0.64
-177.96
13.40
93.01
-35.59
9.15
-6.06
-129.02
600
-0.53
-178.87
9.88
85.15
-35.72
3.39
-5.82
-136.33
800
-0.52
-178.84
7.52
79.52
-35.90
6.93
-5.38
-138.25
1000
-0.46
-177.79
5.42
74.40
-35.68
5.88
-4.77
-139.20
1200
-0.44
-177.25
4.01
69.71
-35.62
3.23
-4.16
-139.65
1400
-0.38
-176.83
2.93
64.99
-35.48
1.79
-3.62
-139.95
1600
-0.39
-177.55
2.22
59.81
-35.13
-0.56
-3.12
-140.63
1800
-0.48
-179.87
1.77
52.82
-34.75
-4.12
-2.63
-142.14
2000
-0.59
175.92
1.54
44.04
-34.21
-10.23
-2.19
-144.85
2200
-0.73
170.02
1.41
33.03
-33.63
-18.12
-1.74
-149.24
2400
-0.97
163.30
1.23
19.79
-33.13
-29.67
-1.28
-155.12
2600
-1.21
157.14
0.75
3.56
-32.89
-43.94
-0.90
-162.55
2800
-1.28
153.30
0.03
-14.33
-33.04
-61.10
-0.57
-170.87
3000
-1.18
152.21
-0.89
-34.56
-33.44
-81.90
-0.45
-178.70
Device S-parameters are available for download off of the website at: http://www.wj.com
Load-Pull Data
Test condition: Output Power = 29.5 dBm, VCC = +28 V, ICQ = 160 mA, ZS = 50 Ω
Test signal = W-CDMA (PAR=8.6dB @ 0.01% Probability), 2140 MHz
The reference plane is at the AP603-PCB2140 eval board’s SMA connectors.
The plots are shown to detail the optimization of the ACLR performance.
Gain Load-Pull
ACLR Load-Pull
PAE Load-Pull
GAIN Max=13.08 dB at 76.9-j37.0
ACPR1LO Min=-50.98 dBc at 57.9-j2.6
P.A.EFF Max=16.98 % at 34.4-j49.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com