Electronic Components Datasheet Search
  English  ▼

X  

DAC53508 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DAC53508
Description  DACx3508 Octal, 8-Bit, 10-Bit, and 12-Bit, SPI, Buffered Voltage Output DACs in Tiny 3 × 3 WQFN Package
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC53508 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DAC53508 Datasheet HTML 12Page - Texas Instruments DAC53508 Datasheet HTML 13Page - Texas Instruments DAC53508 Datasheet HTML 14Page - Texas Instruments DAC53508 Datasheet HTML 15Page - Texas Instruments DAC53508 Datasheet HTML 16Page - Texas Instruments DAC53508 Datasheet HTML 17Page - Texas Instruments DAC53508 Datasheet HTML 18Page - Texas Instruments DAC53508 Datasheet HTML 19Page - Texas Instruments DAC53508 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
5.11 Typical Characteristics: General
at TA = 25°C, 12-bit resolution, and DAC outputs unloaded (unless otherwise noted)
Code
0
512
1024
1536
2048
2560
3072
3584
4095
0
0.5
1
1.5
2
2.5
3
VDD = 1.8 V, reference = 1.8 V
Figure 5-46. Power-Supply Current vs Digital Input Code
Code
0
512
1024
1536
2048
2560
3072
3584
4095
0
0.5
1
1.5
2
2.5
3
VDD = 5.5 V, reference = 5.5 V
Figure 5-47. Power-Supply Current vs Digital Input Code
Temperature (oC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
VDD = 5.5 V
VDD = 3.65 V
VDD = 1.8 V
DAC at midscale
Figure 5-48. Power-Supply Current vs Temperature
VDD (V)
1.8
2.725
3.65
4.575
5.5
0
0.5
1
1.5
2
2.5
3
DAC at midscale, reference tied to VDD
Figure 5-49. Power-Supply Current vs Supply Voltage
Load Current (mA)
-20
-16
-12
-8
-4
0
4
8
12
16
20
-2
-1
0
1
2
3
4
Code 0xFFF
Code 0
VDD = 1.8 V, reference = 1.8 V
Figure 5-50. Output Source and Sink Capability
Load Current (mA)
-20
-16
-12
-8
-4
0
4
8
12
16
20
0
1
2
3
4
5
6
Code 0xFFF
Code 0
VDD = 5.5 V, reference = 5.5 V
Figure 5-51. Output Source and Sink Capability
DAC43508, DAC53508, DAC63508
SLASF08A – DECEMBER 2021 – REVISED MAY 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: DAC43508 DAC53508 DAC63508



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com