Electronic Components Datasheet Search
  English  ▼

X  

DAC53508 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # DAC53508
Description  DACx3508 Octal, 8-Bit, 10-Bit, and 12-Bit, SPI, Buffered Voltage Output DACs in Tiny 3 × 3 WQFN Package
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC53508 Datasheet(HTML) 26 Page - Texas Instruments

Back Button DAC53508 Datasheet HTML 22Page - Texas Instruments DAC53508 Datasheet HTML 23Page - Texas Instruments DAC53508 Datasheet HTML 24Page - Texas Instruments DAC53508 Datasheet HTML 25Page - Texas Instruments DAC53508 Datasheet HTML 26Page - Texas Instruments DAC53508 Datasheet HTML 27Page - Texas Instruments DAC53508 Datasheet HTML 28Page - Texas Instruments DAC53508 Datasheet HTML 29Page - Texas Instruments DAC53508 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
8.2.1.2 Detailed Design Procedure
The DAC is used to set the source current of a MOSFET using a unity-gain buffer, as shown in Figure 8-1.
Connect the LED between the power supply and the drain of the MOSFET. This configuration allows the DAC
to control or set the amount of current through the LED. The buffer following the DAC controls the gate-source
voltage of the MOSFET inside the feedback loop, thus compensating this drop and corresponding drift due to
temperature, current, and ageing of the MOSFET. The current set by the DAC that flows through the LED is
calculated with Equation 2. To generate 0 mA to 20 mA from a 0 V to 5 V DAC output range, a 250-Ω RSET is
required.
ISET=VDACRSET
(2)
The following pseudocode is provided to help get started with the LED biasing application:
//SYNTAX: WRITE <REGISTER NAME(Hex Code)>, <DATA>
//Power-up the device and channels
WRITE DEVICE_CONFIG(0x01), 0x0000
//Program mid code (or the desired voltage) on all channels
WRITE DACA_DATA(0x08), 0x07FC //10-bit MSB aligned
WRITE DACB_DATA(0x09), 0x07FC //10-bit MSB aligned
WRITE DACC_DATA(0x0A), 0x07FC //10-bit MSB aligned
WRITE DACD_DATA(0x0B), 0x07FC //10-bit MSB aligned
WRITE DACE_DATA(0x0C), 0x07FC //10-bit MSB aligned
WRITE DACF_DATA(0x0D), 0x07FC //10-bit MSB aligned
WRITE DACG_DATA(0x0E), 0x07FC //10-bit MSB aligned
WRITE DACH_DATA(0x0F), 0x07FC //10-bit MSB aligned
8.2.1.3 Application Curve
Figure 8-2. DC Transfer Characteristics of LED Biasing Circuit
DAC43508, DAC53508, DAC63508
SLASF08A – DECEMBER 2021 – REVISED MAY 2024
www.ti.com
26
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: DAC43508 DAC53508 DAC63508



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com