Electronic Components Datasheet Search
  English  ▼

X  

DAC53508 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DAC53508
Description  DACx3508 Octal, 8-Bit, 10-Bit, and 12-Bit, SPI, Buffered Voltage Output DACs in Tiny 3 × 3 WQFN Package
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC53508 Datasheet(HTML) 2 Page - Texas Instruments

  DAC53508 Datasheet HTML 1Page - Texas Instruments DAC53508 Datasheet HTML 2Page - Texas Instruments DAC53508 Datasheet HTML 3Page - Texas Instruments DAC53508 Datasheet HTML 4Page - Texas Instruments DAC53508 Datasheet HTML 5Page - Texas Instruments DAC53508 Datasheet HTML 6Page - Texas Instruments DAC53508 Datasheet HTML 7Page - Texas Instruments DAC53508 Datasheet HTML 8Page - Texas Instruments DAC53508 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configurations and Functions.................................3
5 Specifications.................................................................. 4
5.1 Absolute Maximum Ratings........................................ 4
5.2 ESD Ratings............................................................... 4
5.3 Recommended Operating Conditions.........................4
5.4 Thermal Information....................................................4
5.5 Electrical Characteristics.............................................5
5.6 Timing Requirements: SPI.......................................... 7
5.7 Timing Requirements: Logic....................................... 7
5.8 Timing Diagrams ........................................................7
5.9 Typical Characteristics: Static Performance............... 8
5.10 Typical Characteristics: Dynamic Performance...... 14
5.11 Typical Characteristics: General............................. 16
6 Detailed Description......................................................18
6.1 Overview................................................................... 18
6.2 Functional Block Diagram......................................... 18
6.3 Feature Description...................................................19
6.4 Device Functional Modes..........................................21
6.5 Programming............................................................ 21
7 Register Map.................................................................. 22
7.1 DEVICE_CONFIG Register (address = 01h)
[reset = 00FFh]............................................................23
7.2 STATUS_TRIGGER Register (address = 02h)
[reset = 0000h]............................................................ 23
7.3 BRDCAST Register (address = 03h) [reset =
0000h]......................................................................... 24
7.4 DACn_DATA Register (address = 08h to 0Fh)
[reset = 0000h]............................................................ 24
8 Application and Implementation.................................. 25
8.1 Application Information............................................. 25
8.2 Typical Applications.................................................. 25
8.3 Power Supply Recommendations.............................29
8.4 Layout....................................................................... 29
9 Device and Documentation Support............................30
9.1 Documentation Support............................................ 30
9.2 Receiving Notification of Documentation Updates....30
9.3 Support Resources................................................... 30
9.4 Trademarks...............................................................30
9.5 Electrostatic Discharge Caution................................30
9.6 Glossary....................................................................30
10 Revision History.......................................................... 30
11 Mechanical, Packaging, and Orderable
Information.................................................................... 31
DAC43508, DAC53508, DAC63508
SLASF08A – DECEMBER 2021 – REVISED MAY 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: DAC43508 DAC53508 DAC63508



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com