Electronic Components Datasheet Search
  English  ▼

X  

DAC53508 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DAC53508
Description  DACx3508 Octal, 8-Bit, 10-Bit, and 12-Bit, SPI, Buffered Voltage Output DACs in Tiny 3 × 3 WQFN Package
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC53508 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DAC53508 Datasheet HTML 10Page - Texas Instruments DAC53508 Datasheet HTML 11Page - Texas Instruments DAC53508 Datasheet HTML 12Page - Texas Instruments DAC53508 Datasheet HTML 13Page - Texas Instruments DAC53508 Datasheet HTML 14Page - Texas Instruments DAC53508 Datasheet HTML 15Page - Texas Instruments DAC53508 Datasheet HTML 16Page - Texas Instruments DAC53508 Datasheet HTML 17Page - Texas Instruments DAC53508 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
5.10 Typical Characteristics: Dynamic Performance
at TA = 25°C, VDD = 5.5 V, reference = 5.5 V, 12-bit resolution, and DAC outputs unloaded (unless otherwise noted)
Time (1
s/div)
VOUT (4 LSB/div)
LDAC (2.5 V/div)
DAC code transition from midscale – 4 LSB to midscale,
output load: 5 kΩ || 200 pF
Figure 5-36. Glitch Impulse, Rising Edge, 4-LSB Step
Time (1
s/div)
VOUT (4 LSB/div)
LDAC (2.5 V/div)
DAC code transition from midscale to midscale – 4 LSB,
output load: 5 kΩ || 200 pF
Figure 5-37. Glitch Impulse, Falling Edge, 4-LSB Step
Time (5
s/div)
Small Signal VOUT (4 LSB/div)
Large Signal VOUT (2.5 V/div)
LDAC (2.5 V/div)
DAC code transition from 408d to 3688d, typical
channel shown, output load: 5 kΩ || 200 pF
Figure 5-38. Full-Scale Settling Time, Rising Edge
Time (5
s/div)
Small Signal VOUT (4 LSB/div)
Large Signal VOUT (2.5 V/div)
LDAC (2.5 V/div)
DAC code transition from 3688d to 408d, typical
channel shown, output load: 5 kΩ || 200 pF
Figure 5-39. Full-Scale Settling Time, Falling Edge
Time (50
s/div)
-4
-2
0
2
4
6
8
10
12
14
16
18
DAC A
DAC B
DAC C
DAC D
DAC E
DAC F
DAC G
DAC H
Output load: 5 kΩ || 200 pF
Figure 5-40. Power-On Glitch
Time (1 ms/div)
-20
-15
-10
-5
0
5
10
15
20
DAC A
DAC B
DAC C
DAC D
DAC E
DAC F
DAC G
DAC H
Output load: 5 kΩ || 200 pF
Figure 5-41. Power-Off Glitch
DAC43508, DAC53508, DAC63508
SLASF08A – DECEMBER 2021 – REVISED MAY 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: DAC43508 DAC53508 DAC63508



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com