Electronic Components Datasheet Search
  English  ▼

X  

PMBFJ310 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PMBFJ310
Description  N-channel silicon field-effect transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMBFJ310 Datasheet(HTML) 4 Page - NXP Semiconductors

  PMBFJ310 Datasheet HTML 1Page - NXP Semiconductors PMBFJ310 Datasheet HTML 2Page - NXP Semiconductors PMBFJ310 Datasheet HTML 3Page - NXP Semiconductors PMBFJ310 Datasheet HTML 4Page - NXP Semiconductors PMBFJ310 Datasheet HTML 5Page - NXP Semiconductors PMBFJ310 Datasheet HTML 6Page - NXP Semiconductors PMBFJ310 Datasheet HTML 7Page - NXP Semiconductors PMBFJ310 Datasheet HTML 8Page - NXP Semiconductors PMBFJ310 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1996 Sep 11
4
Philips Semiconductors
Product specification
N-channel silicon field-effect transistors
PMBFJ308; PMBFJ309;
PMBFJ310
THERMAL CHARACTERISTICS
Note
1. Device mounted on an FR4 printed-circuit board.
STATIC CHARACTERISTICS
Tj =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient; note 1
500
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V(BR)GSS
gate-source breakdown voltage IG = −1 µA; VDS =0
−25
−−
V
VGSoff
gate-source cut-off voltage
ID =1 µA; VDS =10V
V
PMBFJ308
−1
−−6.5
V
PMBFJ309
−1
−−4V
PMBFJ310
−2
−−6.5
V
VGSS
gate-source forward voltage
IG = 1 mA; VDS =0
−−
1V
IDSS
drain current
VDS =10V; VGS =0
PMBFJ308
12
−
60
mA
PMBFJ309
12
−
30
mA
PMBFJ310
24
−
60
mA
IGSS
gate leakage current
VGS = −15 V; VDS =0
−−−1nA
RDSon
drain-source on-state
resistance
VGS = 0; VDS = 100 mV
−
50
−Ω
y
fs
forward transfer admittance
ID = 10 mA; VDS =10V
10
−−
mS
yos
common source output
admittance
ID = 10 mA; VDS =10V
−−
250
µS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com