Electronic Components Datasheet Search
  English  ▼

X  

PMBFJ310 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMBFJ310
Description  N-channel silicon field-effect transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMBFJ310 Datasheet(HTML) 2 Page - NXP Semiconductors

  PMBFJ310 Datasheet HTML 1Page - NXP Semiconductors PMBFJ310 Datasheet HTML 2Page - NXP Semiconductors PMBFJ310 Datasheet HTML 3Page - NXP Semiconductors PMBFJ310 Datasheet HTML 4Page - NXP Semiconductors PMBFJ310 Datasheet HTML 5Page - NXP Semiconductors PMBFJ310 Datasheet HTML 6Page - NXP Semiconductors PMBFJ310 Datasheet HTML 7Page - NXP Semiconductors PMBFJ310 Datasheet HTML 8Page - NXP Semiconductors PMBFJ310 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1996 Sep 11
2
Philips Semiconductors
Product specification
N-channel silicon field-effect transistors
PMBFJ308; PMBFJ309;
PMBFJ310
FEATURES
• Low noise
• Interchangeability of drain and source connections
• High gain.
APPLICATIONS
• AM input stage in car radios
• VHF amplifiers
• Oscillators and mixers.
DESCRIPTION
N-channel symmetrical silicon junction field-effect
transistors in a SOT23 package.
CAUTION
The device is supplied in an antistatic package. The
gate-source input must be protected against static
discharge during transport or handling.
PINNING - SOT23
PIN
SYMBOL
DESCRIPTION
1
s
source
2
d
drain
3
g
gate
Fig.1 Simplified outline and symbol.
handbook, halfpage
s
d
g
21
3
MAM036
Top view
Marking codes:
PMBFJ308: M08.
PMBFJ309: M09.
PMBFJ310: M10.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage
−±25
V
VGSoff
gate-source cut-off voltage
VDS =10V; ID =1 µA
PMBFJ308
−1
−6.5
V
PMBFJ309
−1
−4V
PMBFJ310
−2
−6.5
V
IDSS
drain current
VGS = 0; VDS =10V
PMBFJ308
12
60
mA
PMBFJ309
12
30
mA
PMBFJ310
24
60
mA
Ptot
total power dissipation
up to Tamb =25 °C
−
250
mW
yfs
forward transfer admittance
VDS =10V; ID =10mA
10
−
mS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com