Electronic Components Datasheet Search
  English  ▼

X  

56F8023 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 56F8023
Description  16-bit Digital Signal Controllers
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8023 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 56F8023_07 Datasheet HTML 2Page - Freescale Semiconductor, Inc 56F8023_07 Datasheet HTML 3Page - Freescale Semiconductor, Inc 56F8023_07 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F8023_07 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F8023_07 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F8023_07 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F8023_07 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F8023_07 Datasheet HTML 9Page - Freescale Semiconductor, Inc 56F8023_07 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 156 page
background image
56F8023 Data Sheet, Rev. 3
6
Freescale Semiconductor
Preliminary
–External GPIO
– Internal timers
– Analog comparator outputs
– ADC conversion result which compares with values of ADC high- and low-limit registers to set
PWM output
•
Two independent 12-bit Analog-to-Digital Converters (ADCs)
— 2 x 3 channel inputs
— Supports both simultaneous and sequential conversions
— ADC conversions can be synchronized by both PWM and timer modules
— Sampling rate up to 2.67MSPS
— 16-word result buffer registers
•
Two internal 12-bit Digital-to-Analog Converters (DACs)
—2
μs settling time when output swing from rail to rail
— Automatic waveform generation generates square, triangle and sawtooth waveforms with
programmable period, update rate, and range
•
One 16-bit multi-purpose Quad Timer module (TMR)
— Up to 96MHz operating clock
— Eight independent 16-bit counter/timers with cascading capability
— Each timer has capture and compare capability
— Up to 12 operating modes
•
One Queued Serial Communication Interface (QSCI) with LIN Slave functionality
— Full-duplex or single-wire operation
— Two receiver wake-up methods:
– Idle line
– Address mark
— Four-bytes-deep FIFOs are available on both transmitter and receiver
•
One Queued Serial Peripheral Interfaces (QSPI)
— Full-duplex operation
— Master and slave modes
— Four-words-deep FIFOs available on both transmitter and receiver
— Programmable Length Transactions (2 to 16 bits)
•
One Inter-Integrated Circuit (I2C) port
— Operates up to 400kbps
— Supports both master and slave operation
— Supports both 10-bit address mode and broadcasting mode
•
One 16-bit Programmable Interval Timer (PIT)
•
Two analog Comparators (CMPs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com