Electronic Components Datasheet Search
  English  ▼

X  

56F8023 Datasheet(PDF) 91 Page - Freescale Semiconductor, Inc

Part # 56F8023
Description  16-bit Digital Signal Controllers
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8023 Datasheet(HTML) 91 Page - Freescale Semiconductor, Inc

Back Button 56F8023_07 Datasheet HTML 87Page - Freescale Semiconductor, Inc 56F8023_07 Datasheet HTML 88Page - Freescale Semiconductor, Inc 56F8023_07 Datasheet HTML 89Page - Freescale Semiconductor, Inc 56F8023_07 Datasheet HTML 90Page - Freescale Semiconductor, Inc 56F8023_07 Datasheet HTML 91Page - Freescale Semiconductor, Inc 56F8023_07 Datasheet HTML 92Page - Freescale Semiconductor, Inc 56F8023_07 Datasheet HTML 93Page - Freescale Semiconductor, Inc 56F8023_07 Datasheet HTML 94Page - Freescale Semiconductor, Inc 56F8023_07 Datasheet HTML 95Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 156 page
background image
Register Descriptions
56F8023 Data Sheet, Rev. 3
Freescale Semiconductor
91
Preliminary
Figure 6-18 Overall Control of Signal Source Using SIM_GPSnn Control
In some cases, the user can choose peripheral function between several I/O, each of which have the option
to be programmed to control a specific peripheral function. If the user wishes to use that function, only one
of these I/O must be configured to control that peripheral function. If more than one I/O is configured to
control the peripheral function, the peripheral output signal will fan out to each I/O, but the peripheral input
signal will be the logical OR and AND of all the I/O signals.
Complete lists of I/O muxings are provided in Table 2-3.
The GPSn setting can be altered during normal operation, but a delay must be inserted between the time
when one function is disabled and another function is enabled.
Note:
After reset, all I/O pins are GPIO, except the JTAG pins and the RESET pin.
Figure 6-19 GPIO Peripheral Select Register 0 for GPIOA (SIM_GPSA0)
6.3.16.1 Reserved—Bits 15–13
This bit field is reserved. Each bit must be set to 0.
6.3.16.2 Configure GPIOA6 (GPS_A6)—Bit 12
This field selects the alternate function for GPIOA6.
•
0 = FAULT0 - PWM FAULT0 Input (default)
•
1 = TA0 - Timer A0
Base + $13
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
GPS_A6
GPS_A5
GPS_A4
0
0
0
0
0
0
0
0
Write
RESET
0
0
0
0
00000000
0000
GPIOA6_PEREN
Register
GPIOA6
GPIOA6 pin
SIM_GPSA0
Register
PWM
FAULT0
Timer A0
0
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com