Electronic Components Datasheet Search
  English  ▼

X  

56F8023 Datasheet(PDF) 90 Page - Freescale Semiconductor, Inc

Part # 56F8023
Description  16-bit Digital Signal Controllers
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8023 Datasheet(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button 56F8023_07 Datasheet HTML 86Page - Freescale Semiconductor, Inc 56F8023_07 Datasheet HTML 87Page - Freescale Semiconductor, Inc 56F8023_07 Datasheet HTML 88Page - Freescale Semiconductor, Inc 56F8023_07 Datasheet HTML 89Page - Freescale Semiconductor, Inc 56F8023_07 Datasheet HTML 90Page - Freescale Semiconductor, Inc 56F8023_07 Datasheet HTML 91Page - Freescale Semiconductor, Inc 56F8023_07 Datasheet HTML 92Page - Freescale Semiconductor, Inc 56F8023_07 Datasheet HTML 93Page - Freescale Semiconductor, Inc 56F8023_07 Datasheet HTML 94Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 156 page
background image
56F8023 Data Sheet, Rev. 3
90
Freescale Semiconductor
Preliminary
Figure 6-17 Protection Register (SIM_PROT)
6.3.15.1 Reserved—Bits 15–4
This bit field is reserved. Each bit must be set to 0.
6.3.15.2 Peripheral Clock Enable Protection (PCEP)—Bits 3–2
These bits enable write protection of all fields in the PCEn, SDn, and PCR registers in the SIM module.
•
00 = Write protection off (default)
•
01 = Write protection on
•
10 = Write protection off and locked until chip reset
•
11 = Write protection on and locked until chip reset
6.3.15.3 GPIO and Internal Peripheral Select Protection (GIPSP)—Bits 1–0
These bits enable write protection of GPSn and IPSn registers in the SIM module and write protect all
GPIOx_PEREN, GPIOx_PPOUTM and GPIOx_DRIVE registers in GPIO modules.
•
00 = Write protection off (default)
•
01 = Write protection on
•
10 = Write protection off and locked until chip reset
•
11 = Write protection on and locked until chip reset
Note:
The PWM fields in the CLKOUT register are also write protected by GIPSP. They are reserved for
in-house test only.
6.3.16 SIM GPIO Peripheral Select Register 0 for GPIOA (SIM_GPSA0)
Most I/O pins have an associated GPIO function. In addition to the GPIO function, I/O can be configured
to be one of several peripheral functions. The GPIOx_PEREN register within the GPIO module controls
the selection between peripheral or GPIO control of the I/O pins. The GPIO function is selected when the
GPIOx_PEREN bit for the I/O is 0. When the GPIOx_PEREN bit of the GPIO is 1, the fields in the GPSn
registers select which peripheral function has control of the I/O. Figure 6-18 illustrates the output path to
an I/O pin when an I/O has two peripheral functions. Similar muxing is required on peripheral function
inputs to receive input from the properly selected I/O pin.
Base + $12
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
0
0
0
0
0
0
PCEP
GIPSP
Write
RESET
0
0
0
0
00000000
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com