Electronic Components Datasheet Search
  English  ▼

X  

56F8023 Datasheet(PDF) 97 Page - Freescale Semiconductor, Inc

Part # 56F8023
Description  16-bit Digital Signal Controllers
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8023 Datasheet(HTML) 97 Page - Freescale Semiconductor, Inc

Back Button 56F8023_07 Datasheet HTML 93Page - Freescale Semiconductor, Inc 56F8023_07 Datasheet HTML 94Page - Freescale Semiconductor, Inc 56F8023_07 Datasheet HTML 95Page - Freescale Semiconductor, Inc 56F8023_07 Datasheet HTML 96Page - Freescale Semiconductor, Inc 56F8023_07 Datasheet HTML 97Page - Freescale Semiconductor, Inc 56F8023_07 Datasheet HTML 98Page - Freescale Semiconductor, Inc 56F8023_07 Datasheet HTML 99Page - Freescale Semiconductor, Inc 56F8023_07 Datasheet HTML 100Page - Freescale Semiconductor, Inc 56F8023_07 Datasheet HTML 101Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 156 page
background image
Register Descriptions
56F8023 Data Sheet, Rev. 3
Freescale Semiconductor
97
Preliminary
6.3.19.8 Select Peripheral Input Source for PWM0/PWM1 Pair Source
(IPS0_PSRC0)—Bits 2–0
This field selects the alternate input source signal to feed PWM input PSRC0 as the PWM0/PWM1 pair
source.
•
000 = I/O pin (External) - Use a PSRC0 input pin as PWM source (default)
•
001 = TA0 (Internal) - Use Timer A0 output as PWM source
•
010 = ADC SAMPLE0 (Internal) - Use ADC SAMPLE0 result as PWM source
— If the ADC conversion result in SAMPLE0 is greater than the value programmed into the High Limit
register HLMT1, then PWM0 is set to 0 and PWM1 is set to 1
— If the ADC conversion result in SAMPLE0 is less than the value programmed into the Low Limit
register LLMT2, then PWM0 is set to 1 and PWM1 is set to 0
•
011 = CMPAO (Internal) - Use Comparator A output as PWM source
•
100 = CMPBO (Internal) - Use Comparator B output as PWM source
•
11x = Reserved
•
1x1 = Reserved
6.3.20 Internal Peripheral Source Select Register 1 for Digital-to-Analog
Converters (SIM_IPS1)
See Section 6.3.19 for general information about Internal Peripheral Source Select registers.
Figure 6-24 Internal Peripheral Source Select Register for DACs (SIM_IPS1)
6.3.20.1 Reserved—Bits 15–7
This bit field is reserved. Each bit must be set to 0.
6.3.20.2 Select Peripheral Input Source for SYNC Input to DAC 1
(ISS1_DSYNC1)-Bits 6-4
This field selects the alternate input source signal to feed DAC1 SYNC input.
•
000 = PIT0 (Internal) — Use Programmable Interval Timer 0 Output as DAC SYNC input (default)
•
001 = Reserved
•
010 = Reserved
•
011 = PWM SYNC (Internal) - Use PWM reload synchronization signal as DAC SYNC input
•
100 = TA0 (Internal) - Use Timer A0 output as DAC SYNC input
•
101 = TA1 (Internal) - Use Timer A1 output as DAC SYNC input
•
11x = Reserved
Base + $19
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
0
0
0
IPS1_DSYNC1
0
IPS1_DSYNC0
Write
RESET
0
0
0
0
0
0000000
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com