Electronic Components Datasheet Search
  English  ▼

X  

PPC5001T Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PPC5001T
Description  NPN microwave power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PPC5001T Datasheet(HTML) 4 Page - NXP Semiconductors

  PPC5001T Datasheet HTML 1Page - NXP Semiconductors PPC5001T Datasheet HTML 2Page - NXP Semiconductors PPC5001T Datasheet HTML 3Page - NXP Semiconductors PPC5001T Datasheet HTML 4Page - NXP Semiconductors PPC5001T Datasheet HTML 5Page - NXP Semiconductors PPC5001T Datasheet HTML 6Page - NXP Semiconductors PPC5001T Datasheet HTML 7Page - NXP Semiconductors PPC5001T Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1997 Mar 03
4
Philips Semiconductors
Product specification
NPN microwave power transistor
PPC5001T
THERMAL CHARACTERISTICS
CHARACTERISTICS
Tmb = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
Rth j-mb
thermal resistance from junction to mounting base
Tj =75 °C
24
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector cut-off current
VCB = 24 V; IE =0
−−
100
µA
IEBO
emitter cut-off current
VEB = 1.5 V; IC =0
−−
200
nA
V(BR)CBO
collector-base breakdown voltage
IC = 500 µA; IE =0
40
−−
V
V(BR)CER
collector-emitter breakdown voltage
IC = 2.5 mA; RBE =70 Ω
35
−−
V
Ccb
collector-base capacitance
VCB = 18 V; VEB = 1.5 V;
IE =IC = 0; f = 1 MHz
−
1.4
−
pF
Cce
collector-emitter capacitance
VCE = 18 V; VEB = 1.5 V;
IE =IC = 0; f = 1 MHz
−
0.9
−
pF
Ceb
emitter-base capacitance
VCB = 10 V; VEB =1V;
IC =IE = 0; f = 1 MHz
−
5.5
−
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com