Electronic Components Datasheet Search
  English  ▼

X  

PPC5001T Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PPC5001T
Description  NPN microwave power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PPC5001T Datasheet(HTML) 3 Page - NXP Semiconductors

  PPC5001T Datasheet HTML 1Page - NXP Semiconductors PPC5001T Datasheet HTML 2Page - NXP Semiconductors PPC5001T Datasheet HTML 3Page - NXP Semiconductors PPC5001T Datasheet HTML 4Page - NXP Semiconductors PPC5001T Datasheet HTML 5Page - NXP Semiconductors PPC5001T Datasheet HTML 6Page - NXP Semiconductors PPC5001T Datasheet HTML 7Page - NXP Semiconductors PPC5001T Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1997 Mar 03
3
Philips Semiconductors
Product specification
NPN microwave power transistor
PPC5001T
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. At 0.1 mm from the case.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
40
V
VCER
collector-emitter voltage
RBE =70 Ω−
35
V
VCEO
collector-emitter voltage
open emitter
−
16
V
VEBO
emitter-base voltage
open collector
−
3V
IC
collector current (DC)
−
0.25
A
Ptot
total power dissipation
Tamb ≤ 75 °C
−
4W
Tstg
storage temperature
−65
+200
°C
Tj
junction temperature
−
200
°C
Tsld
soldering temperature
t
≤ 10 s; note 1
−
235
°C
Fig.2
Power dissipation derating as a function of
mounting-base temperature.
handbook,
0
50
100
200
5
0
4
150
3
2
1
MGD975
Ptot max
(W)
Tmb (°C)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com