Electronic Components Datasheet Search
  English  ▼

X  

PPC5001T Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PPC5001T
Description  NPN microwave power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PPC5001T Datasheet(HTML) 5 Page - NXP Semiconductors

  PPC5001T Datasheet HTML 1Page - NXP Semiconductors PPC5001T Datasheet HTML 2Page - NXP Semiconductors PPC5001T Datasheet HTML 3Page - NXP Semiconductors PPC5001T Datasheet HTML 4Page - NXP Semiconductors PPC5001T Datasheet HTML 5Page - NXP Semiconductors PPC5001T Datasheet HTML 6Page - NXP Semiconductors PPC5001T Datasheet HTML 7Page - NXP Semiconductors PPC5001T Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1997 Mar 03
5
Philips Semiconductors
Product specification
NPN microwave power transistor
PPC5001T
Fig.3 Emitter reflection coefficient.
VCE = 20 V; IC = 200 mA; Zo =50 Ω.
handbook, full pagewidth
MGL033
0.2
0.5
1
2
5
0.2
0.5
1
2
5
∞
0
0.2
0.5
1
2
5
10
+ j
− j
8 GHz
7
6
5
10
10
Fig.4 Base reflection coefficient
VCE = 20 V; IC = 200 mA; Zo =50 Ω.
handbook, full pagewidth
MGL034
0.2
0.5
1
2
5
0.2
0.5
1
2
5
∞
0
0.2
0.5
1
2
5
10
+ j
− j
5
6
7
8 GHz
10
10



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com