Electronic Components Datasheet Search
  English  ▼

X  

PPC5001T Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PPC5001T
Description  NPN microwave power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PPC5001T Datasheet(HTML) 2 Page - NXP Semiconductors

  PPC5001T Datasheet HTML 1Page - NXP Semiconductors PPC5001T Datasheet HTML 2Page - NXP Semiconductors PPC5001T Datasheet HTML 3Page - NXP Semiconductors PPC5001T Datasheet HTML 4Page - NXP Semiconductors PPC5001T Datasheet HTML 5Page - NXP Semiconductors PPC5001T Datasheet HTML 6Page - NXP Semiconductors PPC5001T Datasheet HTML 7Page - NXP Semiconductors PPC5001T Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1997 Mar 03
2
Philips Semiconductors
Product specification
NPN microwave power transistor
PPC5001T
FEATURES
• Diffused emitter ballasting resistors providing excellent
current sharing and withstanding a high VSWR
• Interdigitated structure provides high emitter efficiency
• Gold metallization realizes very stable characteristics
and excellent lifetime
• Multicell geometry gives good balance of dissipated
power and low thermal resistance
APPLICATIONS
Intended for use in common-collector oscillator circuits in
military and professional applications up to 5 GHz.
DESCRIPTION
NPN silicon planar epitaxial microwave power transistor in
a SOT447A metal ceramic flange package.
PINNING - SOT447A
PIN
DESCRIPTION
1
base
2
emitter
3
collector
Fig.1 Simplified outline and symbol.
Marking code: 395
handbook, halfpage
e
c
b
MAM331
Side view
3
2
1
QUICK REFERENCE DATA
Microwave performance up to Tmb =25 °C in an oscillator circuit up to 5 GHz; typical values.
MODE OF OPERATION
f
(GHz)
VCE
(V)
IC
(mA)
PL
(mW)
Class A (CW)
5
20
200
450



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com