Electronic Components Datasheet Search
  English  ▼

X  

33395 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 33395
Description  Three-Phase Gate Driver IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33395 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  33395 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33395 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33395 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33395 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33395 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33395 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33395 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33395 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33395 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33395
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted.
Rating
Symbol
Value
Unit
VIGN Supply Voltage
VIGN
-15.5 to 40
VDC
VIGNP Load Dump Survival
V
IGNPLD
-0.3 to 65
VDC
VDD Logic Supply Voltage (Fail Safe)
VDD
-0.3 to 7.0
VDC
Logic Input Voltage (LSEn, HSEn, PWM, and MODEn)
VIN
0.3 to 7.0
VDC
Start Up Current VIGNP
IVIGNSTARTUP
100
mA
ESD Voltage (1)
Human Body Model
Machine Model
VESD1
VESD2
±500
±200
V
Storage Temperature
TSTG
-65 to 160
°C
Operating Ambient Temperature
TA
-40 to 125
°C
Operating Case Temperature
TC
-40 to 125
°C
Maximum Junction Temperature
TJ
150
°C
Power Dissipation (TA = 25°C)
PD
1.5
W
Peak Package Reflow Temperature During Reflow (2), (3)
TPPRT
Note 3
°C
Thermal Resistance, Junction-to-Ambient
RΘJA
65
°C/W
Notes
1.
ESD1 testing is performed in accordance with the Human Body Model (CZAP = 100 pF, RZAP = 1500 Ω), ESD2 testing is performed in
accordance with the Machine Model (CZAP = 200 pF, RZAP = 0 Ω).
2.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
3.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL),
Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes and enter the core ID to view all orderable parts. (i.e.
MC33xxxD enter 33xxx), and review parametrics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com