Electronic Components Datasheet Search
  English  ▼

X  

33395 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33395
Description  Three-Phase Gate Driver IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33395 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33395 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33395 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33395 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33395 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33395 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33395 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33395 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33395 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33395 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33395
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
INPUT/OUTPUT (CONTINUED)
VGDL Low-Side Output Voltage GDHn in ON State
VIGNP = 5.5 V, IGDLn = 1.0 mA
VIGNP = 12 V, IGDLn = 5.0 mA
VIGNP = 24 V, IGDLn = 0.0 mA
VIGNP = 24 V, IGDLn = 5.0 mA
VGDL(on)
5.0
8.0
8.0
8.0
8.0
14
17
16
18
18
19
19
V
VGDL Output Voltage GDHn in OFF State
VIGNP = 14 V, IGDLn = 1.0 mA
VGDL(off)
-1.0
0.3
1.0
V
Thermal Shutdown (7)
TLIM
160
–
190
°C
Notes
7.
Guaranteed by design and characterization. Not production tested.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions -40
°C ≤ T
A ≤ 125°C, 5.5 V ≤ VIGNP ≤ 24 V unless otherwise noted. Typical values reflect
approximate parameter mean at TA = 25°C under normal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com