Electronic Components Datasheet Search
  English  ▼

X  

33395 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 33395
Description  Three-Phase Gate Driver IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33395 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 33395 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33395 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33395 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33395 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33395 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33395 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33395 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33395 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33395 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33395
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
TIMING DIAGRAM
Figure 4. Shoot-Through Suppression
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions -40
°C ≤ T
A ≤ 125°C, 5.5 V ≤ VIGNP ≤ 24 V unless otherwise noted. Typical values
reflect approximate parameter mean at TA = 25°C under normal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
High-Side (GDHn) and Low-Side Drivers (GDHn) Rise Time
(25% to 75%), CISS Value = 2000 pF
(8)
tRH
–
0.35
1.5
µs
High-Side (GDHn) and Low-Side Drivers (GDHn) Fall Time
(75% to 25%), CISS Value = 2000 pF
(8)
tFH
–
0.25
1.5
µs
Shoot-Through Suppression Time Delay (33395) (8), (9)
33395
33395T
tD1, tD2
1.0
0.2
3.0
0.65
5.5
1.0
µs
Current Limit Time Delay (10)
tILIMDELAY
1.5
2.8
5.0
µs
Notes
8.
See Figure 4, page 8.
9.
Shoot-Through Suppression Time Delay is provided to prevent directly connected high- and low-side MOSFETs from being on
simultaneously.
10.
Current Limit Time Delay: The internal comparator places the device in the current limit mode when the comparator output goes LOW
and sets an internal logic bit. This takes a finite amount of time and is stated as the Current Limit Time Delay.
100
75
25
0
100
75
25
0
tRH tFH
tFL
tRL
TIME
tD2
tD1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com