Electronic Components Datasheet Search
  English  ▼

X  

33395 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33395
Description  Three-Phase Gate Driver IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33395 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33395 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33395 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33395 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33395 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33395 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33395 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33395 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33395 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33395 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Document Number:
MC33395
Rev 4.0, 2/2007
Freescale Semiconductor
Technical Data
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2007. All rights reserved.
Three-Phase Gate Driver IC
The 33395 simplifies the design of high-power BLDC motor control
design by combining the gate drive, charge pump, current sense, and
protection circuitry necessary to drive a three-phase bridge
configuration of six N-channel power MOSFETs. Mode logic is
incorporated to route a pulse width modulation (PWM) or a
complementary PWM output signal to either low-side or high-side
MOSFETs of the bridge.
Detection and drive circuitry are also incorporated to control a
reverse battery protection high-side MOSFET switch. PWM
frequencies up to 28 kHz are possible. Built-in protection circuitry
prevents damage to the MOSFET bridge as well as the drive IC and
includes overvoltage shutdown, overtemperature shutdown,
overcurrent shutdown, and undervoltage shutdown.
The device is parametrically specified over ambient temperature
range of -40
°C ≤ T
A ≤ 125°C and 5.5 V ≤ V
IGN ≤ 24 V supply.
Features
• Drives Six N-Channel Low RDS(ON) Power MOSFETs
• Built-In Charge Pump Circuitry
• Built-In Current Sense Comparator and Output Drive Current
Limiting
• Built-In PWM Mode Control Logic
• Built-In Circuit Protection
• Designed for Fractional to Integral HP BLDC Motors
• 32-Pin SOIC Wide Body Surface Mount Package
• 33395 Incorporates a <5.0
µs Shoot-Through Suppression Timer
• 33395T Incorporates a <1.0
µs Shoot-Through Suppression Timer
• Pb-Free Packaging Designated by Suffix Code EW
Figure 1. 33395 Simplified Application Diagram
THREE-PHASE
GATE DRIVER IC
DWB SUFFIX
EW SUFFIX (Pb-FREE)
98ARH99137A
32-PIN SOICW
33395
33395T
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33395DWB/R2
-40°C to 125°C
32 SOICW
MC33395EW/R2
32 SOICW
(Pb-Free)
MCZ33395EW/R2
MC33395TDWB/R2
32 SOICW
MC33395TEW/R2
32 SOICW
(Pb-Free)
3
3
2
VDD
VPWR
MCU
VDD
H
H
N
S
S
N
VGDH
VIGN
VDD
CP1L
CP2H
CP2L
CP1H
CRES
HSE1–3
MODE0–1
PWM
AGND
LSE1–3
PGND
VIGNP
GDH1
GDH2
GDH3
SRC1
SRC2
SRC3
GDL1
GDL2
GDL3
-ISENS
+ISENS
33395


Similar Part No. - 33395

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3339 BOURNS-3339 Datasheet
127Kb / 1P
5/16 Round Trimming Potentiometer
3339 BOURNS-3339 Datasheet
138Kb / 1P
5/16 ??Round Trimpot짰 Trimming Potentiometer
logo
Heyco.
3339 HEYCO-3339 Datasheet
85Kb / 1P
Tension Wire Clips - Vinyl U Style
logo
Peregrine Semiconductor...
3339-00 PEREGRINE-3339-00 Datasheet
143Kb / 12P
3.0 GHz Integer-N PLL for Low Phase Noise Applications
3339-11 PEREGRINE-3339-11 Datasheet
143Kb / 12P
3.0 GHz Integer-N PLL for Low Phase Noise Applications
More results

Similar Description - 33395

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33395 MOTOROLA-MC33395 Datasheet
534Kb / 16P
Three-Phase Gate Driver IC
logo
Texas Instruments
DRV3245-Q1 TI1-DRV3245-Q1 Datasheet
135Kb / 5P
Three-Phase Automotive Gate Driver
DRV8301 TI1-DRV8301_16 Datasheet
2Mb / 39P
Three-Phase Gate Driver
DRV8302 TI1-DRV8302_16 Datasheet
560Kb / 32P
Three Phase Gate Driver
DRV8303 TI1-DRV8303_15 Datasheet
1Mb / 37P
Three Phase Gate Driver
DRV8305 TI1-DRV8305_16 Datasheet
1Mb / 59P
Three Phase Gate Driver
DRV8305-Q1 TI1-DRV8305-Q1_16 Datasheet
640Kb / 54P
Three-Phase Automotive Gate Driver
logo
Princeton Technology Co...
PT5618 PTC-PT5618 Datasheet
337Kb / 4P
200V Three-Phase Gate Driver
PT5619 PTC-PT5619 Datasheet
477Kb / 6P
90V Three-Phase Gate Driver
logo
Texas Instruments
DRV8300 TI-DRV8300_V01 Datasheet
1Mb / 27P
DRV8300: Three-Phase BLDC Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com