Electronic Components Datasheet Search
  English  ▼

X  

33883 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 33883
Description  H-Bridge Gate Driver IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33883 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 33883 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33883
FUNCTIONAL DESCRIPTION
FUNCTIONAL TERMINAL DESCRIPTION
Table 5. Functional Truth Table
Conditions
G_EN
IN_HSn
IN_LSn
Gate_HSn
Gate_LSn
Comments
Sleep
0
x
x
0
0
Device is in Sleep mode. The gates are at low state.
Normal
1
1
1
1
1
Normal mode. The gates are controlled independently.
Normal
1
0
0
0
0
Normal mode. The gates are controlled independently.
Undervoltage
1
x
x
0
0
The device is currently in fault mode. The gates are at
low state. Once the fault is removed, the 33883 recovers
its normal mode.
Overvoltage
1
x
x
0
0
The device is currently in fault mode. The gates are at
low state. Once the fault is removed, the 33883 recovers
its normal mode.
Overtemperature
on High-Side Gate Driver
1
1
x
0
x
The device is currently in fault mode. The high-side gate
is at low state. Once the fault is removed, the 33883
recovers its normal mode.
Overtemperature
on Low-Side Gate Driver
1
x
1
x
0
The device is currently in fault mode. The low-side gate
is at low state. Once the fault is removed, the 33883
recovers its normal mode.
x = Don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com