Electronic Components Datasheet Search
  English  ▼

X  

33883 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 33883
Description  H-Bridge Gate Driver IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33883 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 33883 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
33883
FUNCTIONAL DEVICE OPERATION
FUNCTIONAL DEVICE OPERATION
DRIVER CHARACTERISTICS
Figure 5 represents the external circuit of the high-side
gate driver. In the schematic, HSS represents the switch that
is used to charge the external high-side MOSFET through the
GATE_HS terminal. LSS represents the switch that is used to
discharge the external high-side MOSFET through the
GATE_HS terminal. A 180K
Ω internal typical passive
discharge resistance and a 18 V typical protection zener are
in parallel with LSS. The same schematic can be applied to
the external low-side MOSFET driver simply by replacing
terminal CP_OUT with terminal LR_OUT, terminal GATE_HS
with terminal GATE_LS, and terminal SRC_HS with GND.
Figure 5. High-Side Gate Driver Functional Schematic
The different voltages and current of the high-side gate
driver are illustrated in Figure 6. The output driver sources a
peak current of up to 1.0 A for 200 ns to turn on the gate. After
200 ns, 100 mA is continuously provided to maintain the gate
charged. The output driver sinks a high current to turn off the
gate. This current can be up to 1.0 A peak for a 100 nF load.
Note GATE_HS is loaded with a 100 nF capacitor in the
chronograms. A smaller load will give lower peak and DC charge or
discharge currents.
Figure 6. High-Side Gate Driver Chronograms
HSS
CP_OUT
IGATE_HS
Icharge HSS
Idischarge LSS
GATE_HS1
LSS
SRC_HS1
180
k
Ω
18V
HSSpulse_IN
LSS_IN
HSSDC_IN
IN_HS1
1.0 A Peak
1.0 A Peak
100 mA Typical
0
0
0
0
0
0
1.0 A Peak
100 mA Typical
-1.0 A Peak
IN_HS1
HSSpulse_IN
HSS DC_IN
LSS_IN
Idischarge LSS
IGATE_HS
Icharge HSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com