Electronic Components Datasheet Search
  English  ▼

X  

33883 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 33883
Description  H-Bridge Gate Driver IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33883 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 33883 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
33883
FUNCTIONAL DEVICE OPERATION
PROTECTION AND DIAGNOSTIC FEATURES
PROTECTION AND DIAGNOSTIC FEATURES
GATE PROTECTION
The low-side driver is supplied from the built-in low-drop
regulator. The high-side driver is supplied from the internal
charge pump buffered at CP_OUT.
The low-side gate is protected by the internal linear
regulator, which ensures that VGATE_LS does not exceed the
maximum VGS. Especially when working with the charge
pump, the voltage at CP_OUT can be up to 65 V. The high-
side gate is clamped internally in order to avoid a VGS
exceeding 18 V.
Gate protection does not include a fly-back voltage clamp
that protects the driver and the external MOSFET from a fly-
back voltage that can occur when driving inductive load. This
fly-back voltage can reach high negative voltage values and
needs to be clamped externally, as shown in Figure 12.
Figure 12. Gate Protection and Flyback Voltage Clamp
LOAD DUMP AND REVERSE BATTERY
VCC and VCC2 can sustain load a dump pulse of 40 V and
double battery of 24 V. Protection against reverse polarity is
ensured by the external power MOSFET with the free-
wheeling diodes forming a conducting pass from ground to
VCC. Additional protection is not provided within the circuit.
To protect the circuit an external diode can be put on the
battery line. It is not recommended putting the diode on the
ground line.
TEMPERATURE PROTECTION
There is temperature shutdown protection per each half-
bridge. Temperature shutdown protects the circuitry against
temperature damage by switching off the output drivers. Its
typical value is 175°C with an hysteresis of 15°C.
DV/DT AT VCC
VCC voltage must be higher than (SRC_HS voltage minus
a diode drop voltage) to avoid perturbation of the high-side
driver.
In some applications a large dV/dt at terminal C2 owing to
sudden changes at VCC can cause large peak currents
flowing through terminal C1, as shown in Figure 13.
For positive transitions at terminal C2, the absolute value
of the minimum peak current, IC1min, is specified at 2.0 A for
a tC1min duration of 600 ns.
For negative transitions at terminal C2, the maximum peak
current, IC1max, is specified at 2.0 A for a tC1max duration of
600 ns. Current sourced by terminal C1 during a large dV /dt
will result in a negative voltage at terminal C1 (Figure 13).
The minimum peak voltage VC1min is specified at -1.5 V for a
duration of tC1max = 600 ns. A series resistor with the charge
pump capacitor (Ccp) capacitor can be added in order to limit
the surge current.
Output
Driver
OUT
Output
Driver
OUT
IN
L1
M2
GATE_LS
SRC_HS
GATE_HS
Inductive
Flyback Voltage
Clamp
IN
Dcl
M1
VCC
CP_OUT
LR_OUT
VGS < 14 V
Under All
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com