Electronic Components Datasheet Search
  English  ▼

X  

33883 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # 33883
Description  H-Bridge Gate Driver IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33883 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 33883 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 21Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
17
33883
FUNCTIONAL DEVICE OPERATION
PROTECTION AND DIAGNOSTIC FEATURES
Figure 13. Limits of C1 Current and Voltage with Large Values of dV/dt
In the case of rapidly changing VCC voltages, the large dV/
dt may result in perturbations of the high-side driver, thereby
forcing the driver into an OFF state. The addition of
capacitors C3 and C4, as shown in Figure 14, reduces the
dV/dt of the source line, consequently reducing driver
perturbation. Typical values for R3/R4 and C3/C4 are 10
Ω
and 10 nF, respectively.
DV/DT AT VCC2
When the external high-side MOSFET is on, in case of
rapid negative change of VCC2 the voltage (VGATE_HS -
VSRC_HS) can be higher than the specified 18 V. In this case
a resistance in the SRC line is necessary to limit the current
to 5.0 mA max. It will protect the internal zener placed
between GATE_HS and SRC terminals.
In case of high current (SRC_HS>100 mA) and high
voltage (>20 V) between GATE_HSX and SRC_HS an
external zener of 18 V is needed as shown in Figure 14.
tC1max
tC1min
VCC
I(C1+C2)
IC1max
IC1min
V(LR_OUT)
0 V
V(C1)
0 A
VC1min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com