Electronic Components Datasheet Search
  English  ▼

X  

33884 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 33884
Description  Switch Monitor Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33884 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 33884 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33884
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 4.75 V ≤ VDD ≤ 5.25 V, 9.0 V ≤ VPWR ≤ 16 V, -40°C ≤ TC ≤ 105°C, unless otherwise
noted. Typical values, where applicable, reflect the parameter’s approximate average value with VPWR = 13 V, TA = 25°C.)
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT
Supply Voltage Range
Quasi-Functional (8)
Fully Operational
VPWR(QF)
VPWR(FO)
5.5
7.0
—
7.0
26
V
Supply Current Normal Mode (IDD + IPWR) (All switches open)
IPWR(ON)
—
100
300
µA
Supply Current Sleep State (IDD(SS) + IPWR(ON))
I(SS)
—
2.0
10
µA
Supply Current Periodic Mode (Polling at 30-50 ms period) (All switches
open)
—
26
—
µA
Logic Supply Voltage
VDD
4.75
—
5.25
V
Bandgap Voltage Output Pin (Tested with 130 k
Ω ± 0.1% resistor)
VBG
1.18
1.26
1.4
V
Switch Input Pulse Wetting Current Switch to Battery
IW(BAT)
7.5
14
25
mA
Switch Input Pulse Wetting Current Switch to Ground
IW(GND)
-7.5
-14
-25
mA
Switch Input Sustain Current Switch to Battery
IS(BAT)
0.4
0.75
1.25
mA
Switch Input Sustain Current Switch to Ground
IS(GND)
-0.4
-0.75
-1.25
mA
Switch Input Tri-State Input Current
IT(SWT)
-10
—
10
µA
Switch Input Switch Detection Threshold
ITH
3.25
3.75
4.75
V
Switch Input Switch Input Voltage Range
VIN
-14
—
40
V
Notes
8
SPI inputs and outputs are operational. Fault reporting may not be fully operational within this voltage range. See page five.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com