Electronic Components Datasheet Search
  English  ▼

X  

33884 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33884
Description  Switch Monitor Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33884 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33884 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33884
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions 4.75 V ≤ VDD ≤ 5.25 V, 9.0 V ≤ VPWR ≤ 16 V, -40°C ≤ TC ≤ 105°C, unless otherwise
noted. Typical values, where applicable, reflect the approximate parameter mean with VPWR = 13 V, TA = 25°C under nominal
conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT TIMING
Pulse Wetting Current Duration
tPULSE
3.0
34
43
ms
Interrupt Delay Time
tINT(DELAY)
2.5
—
13
ms
SCLK Frequency vs. SO Load Capacitance
200 pF
160 pF
120 pF
fSCLK
3.2
3.5
4.0
—
—
—
—
—
—
MHz
DIGITAL INTERFACE TIMING
Input Logic Voltage Thresholds (13)
VIN(LOGIC)
0.2 x VDD
—
0.7 x VDD
V
SO High State Output Voltage (IOH = 1 mA)
VOH(SO)
3.5
—
—
V
SO Low State Output Voltage (IOL = 1 mA)
VOL(SO)
—
—
0.4
V
SO Tri-State Leakage Current (CS = 0.7 VDD, VSO = 0 to VDD)
IT(SO)
-40
—
40
µA
SI Pull Down Current (SI = VDD)
ISI
5.0
—
35
µA
SCLK Input Current (0 V = VDD)
ISCLK
-10
—
10
µA
CS Pull-Up Current (CS = 0 V)
ICS
-25
—
-5.0
µA
RST Pull Down Current (RST = 0 V)
IRST
5.0
—
35
µA
INT Low State Output Voltage (IOL = 0.5 mA)
VOL(INT)
—
—
0.4
V
Input Capacitance on SCLK, SI, Tri-State, SO, CS (13)
CIN
—
—
20
pF
Falling Edge of CS to Rising Edge of SCLK (13) (Required set-up time)
tLEAD
—
100
140
ns
Falling Edge of SCLK to Rising Edge of CS (Required set-up time)
tLAG
—
—
50
ns
SI to Rising Edge of SCLK (Required set-up time)
tSU2
—
25
45
ns
Rising Edge of SCLK to SI (Required hold time)
tH2
—
25
45
ns
SO to Rising Edge of SCLK
tSU1
90
125
—
ns
Rising Edge of SCLK to Falling Edge of SO (Hold time)
tH1
90
125
—
ns
SO Rise Time, SO Fall Time (CL = 200 pF)
tR(SO)
tF(SO)
—
30
50
ns
SI, CS, SCLK Incoming Signal Rise Time (13)
tR(SI)
—
—
50
ns
SI, CS, SCLK Incoming Signal Fall Time (13)
tF(SI)
—
—
50
ns
Time from Falling Edge of CS to SO Low Impedance (13)
tSO(EN)
—
80
110
ns
Notes
9
Upper and lower logic threshold voltage levels apply to SI, CS, SCLK, RST, SYNC, MASL. See page five.
10
This parameter is guaranteed by design, however, it has not been production tested.
11
Rise and fall time for incoming SI, CS, and SCLK signals suggested for design consideration to prevent the occurrence of double pulsing.
12
Time required for output states data to be available at SO pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com