Electronic Components Datasheet Search
  English  ▼

X  

33884 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 33884
Description  Switch Monitor Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33884 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 33884 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33884
FUNCTIONAL DESCRIPTION
INTRODUCTION
FUNCTIONAL DESCRIPTION
INTRODUCTION
The 33884 is a monolithic integrated circuit designed to
interface between external electrical system switches and
low voltage microprocessors via a Serial Peripheral Interface
(SPI). The 33884 monitors the OPEN/CLOSED status of
multiple external switches used in a system. The 33884
features four programmable Switch-to-Ground or Battery
sense inputs, 6 Switch-to-Ground sense inputs, 2 Switch-to-
Battery sense inputs, programmable Wake up Timer,
programmable Interrupt Timer, and programmable wetting
current settings. All inputs are protected for ESD transients
when implemented with the appropriate ESD capacitor.
There are numerous applications for this device in aircraft,
aerospace, robotic, process & control, automotive, and
security systems. Potential applications exist where switch
status verification for safety, fault tolerant operation, or
process control function purposes are critical.
The 33884 has four modes of operation: Sleep, Normal,
Polling, and Polling + INT Timer.
The 33884 is designed to provide a robust interface
between system switch contacts and a microprocessor. Each
33884 input provides the switch contact with high levels of
wetting current during switch closure. After the input switch
has been closed for 20 ms, the wetting current is reduced,
hence reducing power dissipation in the IC. The response to
a SPI command will always return Switch Status, Master/
Slave, INT Flag, and Mode settings. The following section
describes the programming modes and features of the
33884.
MICROPROCESSOR INTERFACE
The M33884 directly interfaces to 3.3 or 5.0 V MCU. SPI
serial clock frequencies in excess of 5.0 MHz may be used for
programming and reading switch input status. Figure 4 shows
the configuration between an MCU and one 33884.
Figure 4. SPI Interface with Microprocessor
The 33884, though originally designed for automotive use,
is very useful in a variety of other applications, i.e., computer,
telecommunications, and industrial fields. It is parametrically
specified over an input battery/supply voltage of 9.0 to 16.0 V
but is designed to operate over a considerably wider range of
5.5 to 26.5 V.
Two or more 33884 devices may be used in a module
system when implemented in a parallel or serial
configuration. Figure 5 and Figure 6 show the parallel and
serial configurations respectively. When using the Serial
configuration, 32 clock cycles are required for a complete
transfer of data to the 33884.
MC68HCXX
Microcontroller
33884
MISO
MOSI
16 Bit Shift Register
16 Bit Shift Register
RST
SCLK
CS
INT
SO
SI
INT
To Logic
Receive
Buffer
Parallel
Ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com