Electronic Components Datasheet Search
  English  ▼

X  

33884 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 33884
Description  Switch Monitor Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33884 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 33884 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33884
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
Figure 5. SPI Parallel Interface with Microprocessor
Figure 6. SPI Serial Interface with Microprocessor
FUNCTIONAL PIN DESCRIPTION
CHIP SELECT (CS)
The MCU system selects the 33884 to receive its
communication through the Chip Select (CS) pin. With the CS
in a logic low state, command words may be sent to the
33884 via the Serial Input (SI) pin. Switch status is received
by the MCU via Serial Output (SO) pin. The falling edge of CS
enables the SO output, latches the state of the Interrupt (INT)
pin, Operating mode and the state of the external switch
inputs. The rising edge of CS disables the SO driver, resets
the INT pin to logic [1], activates the received command word,
and allows the 33884 to act upon new data obtained from
switch inputs. To avoid any spurious data, it is essential the
high-to-low and low-to-high transition of the CS signal occur
only when System Clock (SCLK) is in a logic low state.
Internal to the 33884 is an active pull-up on CS pin.
SYSTEM CLOCK (SCLK)
The System Clock (SCLK) pin clocks the internal 16-bit
Shift register. The Serial Input (SI) data is latched into the
Input Shift register on the rising edge of SCLK signal. The
Serial Output (SO) pin shifts the switch status bits out on the
falling edge of SCLK. False clocking of the Shift register must
be avoided to guarantee validity of data. It is essential the
SCLK pin be in a logic low state whenever CS makes any
transition. For this reason it is recommended, though not
necessary, the SCLK pin be commanded to a low logic state
as long as the device is not accessed (CS in logic high state).
When the CS is in a logic high state, any signal on the SCLK
and SI pin will be ignored and the SO pin is Tri-Stated (high
impedance).
SERIAL INPUT (SI)
This Serial Input (SI) pin is used for serial instruction data
input. SI information is latched into the Input register on the
rising edge of SCLK. A logic high state present at SI when
SCLK rises, programs a logic [1] into the command word on
rising edge of the CS signal. To program a complete word, 16
bits of information must be entered into the 33884. Internal to
the IC is an active pull down on the SI pin.
SERIAL OUTPUT (SO)
The Serial Output (SO) pin is the output from the Shift
register. The SO pin remains Tri-Stated until the CS pin
transitions to a logic low state. All open switches are reported
as logic [0], all closed switches are reported as logic [1]. The
negative transition of CS will make status bit 15 available on
SO. Each successive negative clock makes the next status
bit available. The SI/SO shifting of the data follows a first-in-
first-out protocol with both input and output words transferring
the most significant bit (MSB) first.
MASTER/SLAVE (MASL)
The Master/Slave (MASL) pin is required when multiple
33884 devices are used in one module. The MASL identifies
which device will be the master or slave. MASL identification
is used during the Polling mode. In the Polling mode, the
master device has it’s internal oscillator running while the
Slave device oscillator is shutdown. While polling, the master
device wakes the slave via the Synchronization (SYNC) pin.
This feature provides minimal quiescent from the voltage
power (VPWR) and voltage digital drain (VDD) pins.
MC68HCXX
Microcontroller
33884
33884
MOSI
16 Bit Shift Register
MISO
Parallel
Ports
SCLK
INT
SI
SI
SO
SO
SCLK
SCLK
CS
CS
RST
RST
INT
INT
Microcontroller
33884
33884
MC68HCXX
16 Bit Shift Register
Parallel
Ports
INT
SCLK
MISO
MOSI
SI
SI
SO
SO
SCLK
SCLK
CS
CS
RST
RST
INT
INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com