Electronic Components Datasheet Search
  English  ▼

X  

ISO6741 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ISO6741
Description  ISO674x-Q1 Automotive, General-Purpose, Reinforced, Quad-Channel Digital Isolators With Robust EMC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO6741 Datasheet(HTML) 1 Page - Texas Instruments

  ISO6741 Datasheet HTML 1Page - Texas Instruments ISO6741 Datasheet HTML 2Page - Texas Instruments ISO6741 Datasheet HTML 3Page - Texas Instruments ISO6741 Datasheet HTML 4Page - Texas Instruments ISO6741 Datasheet HTML 5Page - Texas Instruments ISO6741 Datasheet HTML 6Page - Texas Instruments ISO6741 Datasheet HTML 7Page - Texas Instruments ISO6741 Datasheet HTML 8Page - Texas Instruments ISO6741 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
ISO674x-Q1 Automotive, General-Purpose, Reinforced, Quad-Channel Digital
Isolators With Robust EMC
1 Features
• Functional Safety-Capable
– Documentation available to aid functional safety
system design: ISO6740-Q1, ISO6741-Q1,
ISO6742-Q1
• AEC-Q100 qualified with the following results:
– Device temperature Grade 1: –40°C to 125°C
ambient operating temperature range
• Meets VDA320 isolation requirements
• 50Mbps data rate
• Robust isolation barrier:
– High lifetime at 1500VRMS working voltage
– Up to 5000VRMS isolation rating
– Up to 10kV surge capability
– ±150kV/μs typical CMTI
• Wide supply range: 1.71V to 1.89V and 2.25V to
5.5V
• 1.71V to 5.5V level translation
• Default output high (ISO674x-Q1) and low
(ISO674xF-Q1) options
• 1.6mA per channel typical at 1Mbps
• Low propagation delay: 11ns typical
• Robust electromagnetic compatibility (EMC)
– System-level ESD, EFT, and surge immunity
– ±8kV IEC 61000-4-2 contact discharge
protection across isolation barrier
– Low emissions
• Wide-SOIC (DW-16) Package
• Safety-Related Certifications :
– DIN EN IEC 60747-17 (VDE 0884-17)
– UL 1577 component recognition program
– IEC 62368-1, IEC 61010-1, IEC 60601-1
– GB 4943.1
2 Applications
• Hybrid, electric and power train system (EV/HEV)
– Battery management system (BMS)
– On-board charger
– DC/DC converter
– Inverter and motor control
3 Description
The ISO674x-Q1 devices are high-performance,
quad-channel digital isolators designed for cost-
sensitive applications requiring up to 5000VRMS
isolation ratings per UL 1577. These devices are also
certified by VDE, TUV, CSA, and CQC.
The
ISO674x-Q1
devices
provide
high
electromagnetic immunity and low emissions at
low power consumption, while isolating CMOS or
LVCMOS digital I/Os. Each isolation channel has
a logic input and output buffer separated by TI's
double capacitive silicon dioxide (SiO2) insulation
barrier. These devices come with enable pins which
can be used to put the respective outputs in high
impedance for multi-controller driving applications.
The ISO6740-Q1 device has all four channels in the
same direction, the ISO6741-Q1 device has three
forward and one reverse-direction channels, and the
ISO6742-Q1 device has two forward and two reverse-
direction channels. In the event of input power or
signal loss, the default output is high for devices
without suffix F and low for devices with suffix F. See
also Device Functional Modes section.
Used in conjunction with isolated power supplies,
the ISO674x-Q1 devices help prevent noise currents
on data buses, such as CAN and LIN from
damaging sensitive circuitry. Through remarkable chip
design and layout techniques, the electromagnetic
compatibility of the ISO674x-Q1 devices has been
significantly enhanced to ease system-level ESD,
EFT, surge, and emissions compliance. The ISO674x-
Q1 family of devices is available in a 16-pin SOIC
wide-body (DW) package and is a pin-to-pin upgrade
to the older generations.
ISO6740-Q1, ISO6741-Q1, ISO6742-Q1
SLLSFG4F – DECEMBER 2019 – REVISED JUNE 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ISO6741

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO6741 TI-ISO6741 Datasheet
1Mb / 35P
ISO674x General-Purpose Quad-Channel Digital Isolators with Robust EMC
ISO6741 TI-ISO6741 Datasheet
1Mb / 35P
ISO674x-Q1 General-Purpose Quad-Channel Automotive Digital Isolators with Robust EMC
ISO6741 TI-ISO6741 Datasheet
1Mb / 35P
ISO674x General-Purpose Quad-Channel Digital Isolators with Robust EMC
ISO6741 TI-ISO6741 Datasheet
1Mb / 35P
ISO674x-Q1 General-Purpose Quad-Channel Automotive Digital Isolators with Robust EMC
ISO6741 TI-ISO6741 Datasheet
3Mb / 44P
ISO674x General-Purpose Reinforced Quad-Channel Digital Isolators with Robust EMC
More results

Similar Description - ISO6741

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO6741 TI-ISO6741 Datasheet
1Mb / 35P
ISO674x General-Purpose Quad-Channel Digital Isolators with Robust EMC
ISO6741-Q1 TI-ISO6741-Q1 Datasheet
1Mb / 35P
ISO674x-Q1 General-Purpose Quad-Channel Automotive Digital Isolators with Robust EMC
ISO6741 TI-ISO6741_V01 Datasheet
1Mb / 35P
ISO674x General-Purpose Quad-Channel Digital Isolators with Robust EMC
ISO6741-Q1 TI-ISO6741-Q1_V01 Datasheet
1Mb / 35P
ISO674x-Q1 General-Purpose Quad-Channel Automotive Digital Isolators with Robust EMC
ISO6740 TI-ISO6740 Datasheet
3Mb / 44P
ISO674x General-Purpose Reinforced Quad-Channel Digital Isolators with Robust EMC
ISO6740-Q1 TI-ISO6740-Q1 Datasheet
3Mb / 46P
ISO674x-Q1 General-Purpose Reinforced Quad-Channel Automotive Digital Isolators with Robust EMC
ISO6731 TI-ISO6731_V01 Datasheet
2Mb / 40P
ISO674x General-Purpose Reinforced Quad-Channel Digital Isolators with Robust EMC
ISO6740-Q1 TI-ISO6740-Q1_V01 Datasheet
3Mb / 46P
ISO674x-Q1 General-Purpose Reinforced Quad-Channel Automotive Digital Isolators with Robust EMC
ISO6763-Q1 TI-ISO6763-Q1 Datasheet
1Mb / 37P
ISO676x-Q1 General-Purpose Six-Channel Automotive Reinforced Digital Isolators with Robust EMC
SLLSFK2 ??AUGUST 2021
ISO6760-Q1 TI-ISO6760-Q1 Datasheet
3Mb / 51P
ISO676x-Q1 General-Purpose Six-Channel Automotive Reinforced Digital Isolators with Robust EMC
NOVEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com