Electronic Components Datasheet Search
  English  ▼

X  

ISO6741 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ISO6741
Description  ISO674x-Q1 Automotive, General-Purpose, Reinforced, Quad-Channel Digital Isolators With Robust EMC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO6741 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ISO6741 Datasheet HTML 7Page - Texas Instruments ISO6741 Datasheet HTML 8Page - Texas Instruments ISO6741 Datasheet HTML 9Page - Texas Instruments ISO6741 Datasheet HTML 10Page - Texas Instruments ISO6741 Datasheet HTML 11Page - Texas Instruments ISO6741 Datasheet HTML 12Page - Texas Instruments ISO6741 Datasheet HTML 13Page - Texas Instruments ISO6741 Datasheet HTML 14Page - Texas Instruments ISO6741 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
5.8 Safety Limiting Values
Safety limiting(1) intends to minimize potential damage to the isolation barrier upon failure of input or output circuitry.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DW-16 PACKAGE
IS
Safety input, output, or supply current
RθJA =73°C/W, VI = 5.5 V, TJ = 150°C, TA
= 25°C
311.4
mA
RθJA = 73°C/W, VI = 3.6 V, TJ = 150°C, TA
= 25°C
475.7
mA
RθJA = 73°C/W, VI = 2.75 V, TJ = 150°C,
TA = 25°C
622
RθJA = 73°C/W, VI = 1.89 V, TJ = 150°C,
TA = 25°C
905.1
mA
PS
Safety input, output, or total power
RθJA = 73°C/W, TJ = 150°C, TA = 25°C
1712.4
mW
TS
Maximum safety temperature
150
°C
DWW-16 PACKAGE
IS
Safety input, output, or supply current
RθJA =56.5°C/W, VI = 5.5 V, TJ = 150°C,
TA = 25°C
402.2
mA
IS
Safety input, output, or supply current
RθJA = 56.5°C/W, VI = 3.6 V, TJ = 150°C,
TA = 25°C
614.5
mA
IS
Safety input, output, or supply current
RθJA = 56.5°C/W, VI = 2.75 V, TJ = 150°C,
TA = 25°C
804.5
mA
IS
Safety input, output, or supply current
RθJA = 56.5°C/W, VI = 1.89 V, TJ = 150°C,
TA = 25°C
1170.5
mA
PS
Safety input, output, or total power
RθJA = 56.5°C/W, TJ = 150°C, TA = 25°C
2212.3
mW
TS
Maximum safety temperature
150
°C
(1)
The maximum safety temperature, TS, has the same value as the maximum junction temperature, TJ, specified for the device. The
IS and PS parameters represent the safety current and safety power respectively. The maximum limits of IS and PS should not be
exceeded. These limits vary with the ambient temperature, TA.
The junction-to-air thermal resistance, RθJA, in the table is that of a device installed on a high-K test board for leaded surface-mount
packages. Use these equations to calculate the value for each parameter:
TJ = TA + RθJA × P, where P is the power dissipated in the device.
TJ(max) = TS = TA + RθJA × PS, where TJ(max) is the maximum allowed junction temperature.
PS = IS × VI, where VI is the maximum input voltage.
www.ti.com
ISO6740-Q1, ISO6741-Q1, ISO6742-Q1
SLLSFG4F – DECEMBER 2019 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: ISO6740-Q1 ISO6741-Q1 ISO6742-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com