Electronic Components Datasheet Search
  English  ▼

X  

ISO6741 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ISO6741
Description  ISO674x-Q1 Automotive, General-Purpose, Reinforced, Quad-Channel Digital Isolators With Robust EMC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO6741 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ISO6741 Datasheet HTML 6Page - Texas Instruments ISO6741 Datasheet HTML 7Page - Texas Instruments ISO6741 Datasheet HTML 8Page - Texas Instruments ISO6741 Datasheet HTML 9Page - Texas Instruments ISO6741 Datasheet HTML 10Page - Texas Instruments ISO6741 Datasheet HTML 11Page - Texas Instruments ISO6741 Datasheet HTML 12Page - Texas Instruments ISO6741 Datasheet HTML 13Page - Texas Instruments ISO6741 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
(6)
All pins on each side of the barrier tied together creating a two-terminal device.
5.7 Safety-Related Certifications
VDE
CSA
UL
CQC
TUV
Certified according to DIN
EN IEC 60747-17 (VDE
0884-17)
Certified according to IEC
62368-1, IEC 61010-1 and
IEC 60601
Certified according to
UL 1577 Component
Recognition Program
Certified according to GB
4943.1
Certified according to EN
61010-1 and EN 62368-1
Maximum transient
isolation voltage, 7071
VPK;
Maximum repetitive peak
isolation voltage, 2121
VPK;
Maximum surge isolation
voltage,
10000 VPK
5000 VRMS insulation
per CSA 62368-1, IEC
62368-1, CSA 61010-1
and IEC 61010-1, 1000
VRMS basic and 600
VRMS reinforced working
voltage (pollution degree
2, material group I); 5000
VRMS insulation per CSA
60601-1 and IEC 60601-1,
2 MOPP for 250 VRMS
Single protection,
5000 VRMS
Reinforced insulation,
Altitude ≤ 5000 m, Tropical
Climate,
700 VRMS maximum
working voltage
5000 VRMS reinforced
insulation per EN 61010-1
and EN 62368-1 up to
working voltage of 600
VRMS and EN 60950- 1 up
to working voltage of 800
VRMS
Certificate number:
40040142
Master contract number:
220991
File number: E181974
Certificate number:
CQC21001304083
Client ID number: 077311
ISO6740-Q1, ISO6741-Q1, ISO6742-Q1
SLLSFG4F – DECEMBER 2019 – REVISED JUNE 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ISO6740-Q1 ISO6741-Q1 ISO6742-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com