Electronic Components Datasheet Search
  English  ▼

X  

K1GL Datasheet(PDF) 45 Page - Greenlee Communications

Part # K1GL
Description  WIRE & CABLE TERMINATION
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

K1GL Datasheet(HTML) 45 Page - Greenlee Communications

Back Button K1GL Datasheet HTML 41Page - Greenlee Communications K1GL Datasheet HTML 42Page - Greenlee Communications K1GL Datasheet HTML 43Page - Greenlee Communications K1GL Datasheet HTML 44Page - Greenlee Communications K1GL Datasheet HTML 45Page - Greenlee Communications K1GL Datasheet HTML 46Page - Greenlee Communications K1GL Datasheet HTML 47Page - Greenlee Communications K1GL Datasheet HTML 48Page - Greenlee Communications K1GL Datasheet HTML 49Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 50 page
background image
USA Tel: 800-435-0786
Canada Tel: 800-435-0786
International Tel: +1-815-397-7070
Fax: 800-451-2632
Fax: 800-524-2853
Fax: +1-815-397-9247
185
Non-Insulated Wire Ferrules
• For terminating stranded wire into terminal blocks.
• Electrolytic copper and tin plating provide maximum conductivity and
low contact resistance.
• Meets DIN 46228, part 1, 0.5 - 50 mm2
SPECIFICATIONS
Material
Copper
Surface
Tin plated
CONDUCTOR SIZE
CATALOG
UPC
DIMENSION L
RECOMMENDED
AWG (mm2)
NUMBER
CODE
INCHES (mm)
CRIMPING TOOLS
24 - 23
69 / 5VZ*
04989**
.197 (5)
K1GL, K32GL,
(0.25)
69 / 7VZ*
04990
.276 (7)
K30GL
22
70 / 5VZ*
04991**
.197 (5)
K1GL, K32GL,
(0.34)
70 / 7VZ*
04992
.276 (7)
K30GL
20
71S / 6VZ
04993
.236 (6)
K1GL, K32GL,
(0.5)
71S / 8VZ*
04994
.315 (8)
K36GL, K30GL
71S / 10VZ
04995
.394 (10)
18
71 / 6VZ
04996
.236 (6)
K1GL, K32GL,
(0.75)
71 / 8VZ*
04997
.315 (8)
K36GL, K30GL
71 / 10VZ
04998
.394 (10)
71 / 15VZ*
04999
.591 (15)
18 - 17
72S / 6VZ
05000
.236 (6)
K1GL, K32GL,
(1)
72S / 8VZ*
05001
.315 (8)
K36GL, K30GL
72S / 10VZ
05002
.394 (10)
72S / 12VZ*
05003**
.471 (12)
72S / 15VZ*
05004**
.591(15)
16
72 / 7VZ
05005
.276 (7)
K1GL, K32GL,
(1.5)
72 / 10VZ
05006
.394 (10)
K36GL, K30GL
72 / 12VZ
05007
.471 (12)
72 / 15VZ*
05008
.591 (15)
72 / 18VZ
05009**
.709 (18)
72 / 20VZ*
05010**
.787 (20)
14
73 / 7VZ
05011
.276 (7)
K1GL, K32GL,
(2.5)
73 / 10VZ
05012
.394 (10)
K36GL, K30GL
73 / 12VZ
05013
.471 (12)
73 / 15VZ*
05014
.591 (15)
73 / 18VZ
05015**
.709 (18)
12
74 / 9VZ
05016
.354 (9)
K32GL, K36GL,
(4)
74 / 12VZ
05017
.471 (12)
K30GL
74 / 15VZ
05018
.591 (15)
74 / 18VZ
05019
.709 (18)
74 / 20VZ*
05020**
.787 (20)
10
75 / 10VZ
05021
.394 (10)
K32GL, K34GL,
(6)
75 / 12VZ
05022
.471 (12)
K36GL, K30GL
75 / 15VZ
05023
.591 (15)
75 / 18VZ
05024
.709 (18)
75 / 20VZ*
05025
.787 (20)
75 / 25VZ*
05026**
.984 (25)
8
76 / 12VZ
05027
.471 (12)
K28GL, K34GL
(10)
76 / 15VZ
05028
.591 (15)
76 / 18VZ
05029
.709 (18)
76 / 20VZ*
05030
.787 (20)
76 / 25VZ*
05031**
.984 (25)
CONDUCTOR SIZE
CATALOG
UPC
DIMENSION L
RECOMMENDED
AWG (mm2)
NUMBER
CODE
INCHES (mm)
CRIMPING TOOLS
6
77 / 12VZ
05032
.471 (12)
K28GL, K34GL
(16)
77 / 15VZ
05033
.591 (15)
77 / 18VZ
05034
.709 (18)
77 / 20VZ*
05035
.787 (20)
77 / 25VZ
05036**
.984 (25)
77 / 32VZ
05037**
1.260 (32)
4
78 / 12VZ*
05038
.471 (12)
K28GL
(25)
78 / 15VZ
05039
.591 (15)
78 / 20VZ*
05041
.787 (20)
78 / 25VZ
05042
.984 (25)
78 / 28VZ*
05043**
1.102 (28)
2
79 / 15VZ*
05044
.591 (15)
K28GL
(35)
79 / 18VZ
05045
.709 (18)
79 / 22VZ*
05046
.866 (22)
79 / 25VZ
05047**
.984 (25)
79 / 30VZ*
05048**
1.181 (30)
1/0
80 / 18VZ
05049
.709 (18)
K28GL, K29GL
(50)
80 / 22VZ*
05050
.866 (22)
80 / 25VZ
05051
.984 (25)
80 / 30VZ*
05052
1.181 (30)
2/0
81 / 22VZ
05053
.866 (22)
K29GL
(70)
81 / 25VZ
05054
.984 (25)
81 / 30VZ
05055
1.181 (30)
3/0
82 / 25VZ
05056
.984 (25)
K29GL
(95)
82 / 30VZ
05057
1.181 (30)
82 / 32VZ
05058
1.260 (32)
82 / 34VZ
05059**
1.339 (34)
4/0
83 / 30VZ
05060
1.181 (30)
22 Series Tool
(120)
83 / 32VZ
05061
1.260 (32)
with AE 22/120
83 / 34VZ
05062**
1.339 (34)
dies
83 / 38VZ
05063**
1.496 (38)
83 / 40VZ
05064**
1.575 (40)
300 KCMIL
84 / 32VZ
05065
1.260 (32)
22 Series Tool
(150)
84 / 34VZ
05066**
1.339 (34)
with AE 22/150
84 / 38VZ
05067**
1.496 (38)
dies
84 / 40VZ
05068**
1.575 (40)
350 KCMIL
85 / 32VZ
05069**
1.260 (32)
22 Series Tool
(185)
85 / 40VZ
05070
1.575 (40)
with AE 22/185
dies
*No applicable standard.
**Special order.
See pages 188, 189 for recommended ferrule crimping tools.
greenlee.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com